Electronic Components Datasheet Search
  English  ▼

X  

ADXL314 Datasheet(PDF) 12 Page - Analog Devices

Part # ADXL314
Description  ±200 g Range, 3-Axis Digital Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL314 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADXL314 Datasheet HTML 8Page - Analog Devices ADXL314 Datasheet HTML 9Page - Analog Devices ADXL314 Datasheet HTML 10Page - Analog Devices ADXL314 Datasheet HTML 11Page - Analog Devices ADXL314 Datasheet HTML 12Page - Analog Devices ADXL314 Datasheet HTML 13Page - Analog Devices ADXL314 Datasheet HTML 14Page - Analog Devices ADXL314 Datasheet HTML 15Page - Analog Devices ADXL314 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Data Sheet
ADXL314
THEORY OF OPERATION
analog.com
Rev. A | 12 of 27
If a single-byte read operation is performed, the remaining bytes
of data for the current FIFO sample are lost. Therefore, data for
all axes of interest must be read in a burst (multiple byte) read
operation. To ensure that the FIFO buffer is empty (that is, all new
data has moved into the data registers), an interval of at least
5 µs must elapse between the end of the read back from the
data registers and the start of a new read of the data registers
or the FIFO_STATUS register (Address 0x39). The end of a read
operation from the data registers is signified by the transition from
Register 0x37 to Register 0x38 or by the CS pin going high.
When SPI operation is enabled at a frequency of 1.6 MHz or
lower, the register addressing portion of the transmission provides
a sufficient delay to ensure that the FIFO buffer has completely
emptied. When SPI operation is enabled at a frequency higher than
1.6 MHz, the CS pin must be deasserted to ensure a total delay of
5 µs; otherwise, the delay is not sufficient. When SPI operation is
enabled at 5 MHz, the total delay necessary is at most 3.4 µs.
When I2C mode is enabled on the device, the communication rate
is low enough to ensure a sufficient delay between FIFO reads.
INTERRUPTS
The ADXL314 provides two output pins for driving interrupts: INT1
and INT2. Both interrupt pins are push-pull, low impedance pins
with output specifications shown in Table 11. The default configu-
ration of the interrupt pins is active high. This configuration can
be changed to active low by setting the INT_INVERT bit in the
DATA_FORMAT (Address 0x31) register. All functions can be used
simultaneously, with the only limiting feature being that some func-
tions may need to share interrupt pins.
Interrupts are enabled by setting the appropriate bit in the INT_EN-
ABLE register (Address 0x2E) and are mapped to either the INT1
or INT2 pin based on the contents of the INT_MAP register
(Address 0x2F). When initially configuring the interrupt pins, it is
recommended that the functions and interrupt mapping be done be-
fore enabling the interrupts. When changing the configuration of an
interrupt, it is recommended that the interrupt be disabled first, by
clearing the bit corresponding to that function in the INT_ENABLE
register, and then the function be reconfigured before enabling the
interrupt again. Configuration of the functions while the interrupts
are disabled helps to prevent the accidental generation of an
interrupt before desired.
The interrupt functions are latched and cleared by either reading
the data registers (Address 0x32 to Address 0x37) until the interrupt
condition is no longer valid for the data-related interrupts or by
reading the INT_SOURCE register (Address 0x30) for the remain-
ing interrupts. This section describes the interrupts that can be set
in the INT_ENABLE register and monitored in the INT_SOURCE
register.
DATA_READY
The DATA_READY bit is set when new data is available and is
cleared when no new data is available.
Activity
The activity bit is set when acceleration greater than the value stor-
ed in the THRESH_ACT register (Address 0x24) is experienced.
Inactivity
The inactivity bit is set when acceleration of less than the value
stored in the THRESH_INACT register (Address 0x25) is experi-
enced for more time than is specified in the TIME_INACT register
(Address 0x26). The maximum value for TIME_INACT is 255 sec.
Watermark
The watermark bit is set when the number of samples in FIFO
equals the value stored in the samples bits (Register FIFO_CTL,
Address 0x38). The watermark bit is cleared automatically when
FIFO is read, and the content returns to a value less than the value
stored in the samples bits.
Overrun
The overrun bit is set when new data replaces unread data. The
precise operation of the overrun function depends on the FIFO
mode. In bypass mode, the overrun bit is set when new data
replaces unread data in the DATAX, DATAY, and DATAZ registers
(Address 0x32 to Address 0x37). In all other modes, the overrun bit
is set when FIFO is filled. The overrun bit is automatically cleared
when the FIFO content is read.
Table 11. Interrupt Pin Digital Output
Parameter
Test Conditions
Limit1
Unit
Min
Max
Digital Output
Low Level Output Voltage (VOL)
IOL = 300 µA
0.2 × VDD I/O
V
High Level Output Voltage (VOH)
IOH = −150 µA
0.8 × VDD I/O
V
Low Level Output Current (IOL)
VOL = VOL, max
300
µA
High Level Output Current (IOH)
VOH = VOH, min
−150
µA
Pin Capacitance
Input frequency (fIN) = 1 MHz,
input voltage (VIN) = 2.5 V
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com