Electronic Components Datasheet Search
  English  ▼

X  

ADXL314 Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL314
Description  ±200 g Range, 3-Axis Digital Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL314 Datasheet(HTML) 1 Page - Analog Devices

  ADXL314 Datasheet HTML 1Page - Analog Devices ADXL314 Datasheet HTML 2Page - Analog Devices ADXL314 Datasheet HTML 3Page - Analog Devices ADXL314 Datasheet HTML 4Page - Analog Devices ADXL314 Datasheet HTML 5Page - Analog Devices ADXL314 Datasheet HTML 6Page - Analog Devices ADXL314 Datasheet HTML 7Page - Analog Devices ADXL314 Datasheet HTML 8Page - Analog Devices ADXL314 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Data Sheet
ADXL314
±200 g Range, 3-Axis Digital Accelerometer
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
±200 g measurement range
►
Low power: 170 µA in measurement mode and 17 µA in standby
mode at VS = 2.5 V (typical)
►
User selectable bandwidth up to 3200 Hz ODR
►
Fixed 13-bit output resolution
►
Supply voltage range: 2.0 V to 3.6 V
►
Embedded memory management system with FIFO technology
minimizes host processor load
►
Shock event detection
►
Activity/inactivity monitoring
►
SPI (3- or 4-wire) and I2C digital interfaces
►
Wide temperature range: −40 to +125°C
►
10,000 g shock survival
►
Pb free and RoHS compliant
►
Small and thin: 32-lead, 5 mm × 5 mm × 1.45 mm LFCSP
►
AEC-Q100 qualified for automotive applications
APPLICATIONS
►
Tire and battery pack monitoring
►
High force event detection
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
Figure 1. Simplified Functional Block Diagram
GENERAL DESCRIPTION
The ADXL314 is a ±200 g range, 13-bit resolution, 3-axis digital
accelerometer. The digital output data is formatted as 16-bit, twos
complement data and is accessible through a serial peripheral
interface (SPI), 3-wire or 4-wire, or an I2C digital interface.
An integrated memory management system with a 32 level, first in,
first out (FIFO) buffer can store data to minimize host processor
activity and lower overall system power consumption.
Low power modes enable intelligent motion-based power manage-
ment with threshold sensing and active acceleration measurement
at low power dissipation, typically 65 μA for VS = 2.5 V at a 100 Hz
output data rate (ODR).
The ADXL314 is supplied in a small, thin 5 mm × 5 mm × 1.45 mm,
32-lead LFCSP.


Similar Part No. - ADXL314

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL314 AD-ADXL314 Datasheet
1Mb / 28P
짹200 g Range, 3-Axis Digital Accelerometer
Rev. 0
ADXL314WBCPZ-RL AD-ADXL314WBCPZ-RL Datasheet
1Mb / 28P
짹200 g Range, 3-Axis Digital Accelerometer
Rev. 0
More results

Similar Description - ADXL314

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL375 AD-ADXL375 Datasheet
534Kb / 32P
3-Axis, 200 g Digital Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
logo
NXP Semiconductors
FXLS8964AF NXP-FXLS8964AF Datasheet
2Mb / 98P
3-Axis Low-g Accelerometer
logo
Analog Devices
ADXL317 AD-ADXL317 Datasheet
637Kb / 38P
3-Axis, 짹16 g, I2S Digital Accelerometer
12/2019-Revision 0
logo
NXP Semiconductors
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
FXLS8974CF NXP-FXLS8974CF Datasheet
1Mb / 96P
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
logo
Analog Devices
ADXL314 AD-ADXL314 Datasheet
1Mb / 28P
짹200 g Range, 3-Axis Digital Accelerometer
Rev. 0
logo
NXP Semiconductors
FXLS8964AF NXP-FXLS8964AF_V01 Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 3.4 - 7 December 2021
FXLS8967AF NXP-FXLS8967AF_V01 Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 1.3 - 22 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com