Electronic Components Datasheet Search
  English  ▼

X  

ADXL314 Datasheet(PDF) 9 Page - Analog Devices

Part # ADXL314
Description  ±200 g Range, 3-Axis Digital Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL314 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADXL314 Datasheet HTML 5Page - Analog Devices ADXL314 Datasheet HTML 6Page - Analog Devices ADXL314 Datasheet HTML 7Page - Analog Devices ADXL314 Datasheet HTML 8Page - Analog Devices ADXL314 Datasheet HTML 9Page - Analog Devices ADXL314 Datasheet HTML 10Page - Analog Devices ADXL314 Datasheet HTML 11Page - Analog Devices ADXL314 Datasheet HTML 12Page - Analog Devices ADXL314 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Data Sheet
ADXL314
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 9 of 27
Figure 16. Z-Axis Self Test Response at 25°C, VS = 2.5 V
Figure 17. Measurement Mode Current Consumption at 25°C, VS = 2.5 V
Figure 18. Standby Mode Current Consumption at 25°C, VS = 2.5 V
Figure 19. Clock Frequency Deviation from Ideal at 25°C, VS = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com