Electronic Components Datasheet Search
  English  ▼

X  

ADXL314 Datasheet(PDF) 23 Page - Analog Devices

Part # ADXL314
Description  ±200 g Range, 3-Axis Digital Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL314 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADXL314 Datasheet HTML 19Page - Analog Devices ADXL314 Datasheet HTML 20Page - Analog Devices ADXL314 Datasheet HTML 21Page - Analog Devices ADXL314 Datasheet HTML 22Page - Analog Devices ADXL314 Datasheet HTML 23Page - Analog Devices ADXL314 Datasheet HTML 24Page - Analog Devices ADXL314 Datasheet HTML 25Page - Analog Devices ADXL314 Datasheet HTML 26Page - Analog Devices ADXL314 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Data Sheet
ADXL314
APPLICATIONS INFORMATION
analog.com
Rev. A | 23 of 27
POWER SUPPLY REQUIREMENTS
The ADXL314 operates using supply voltage rails ranging from 2.0
V to 3.9 V. The operating voltage range (VS) specified in Table
1 ranges from 2.0 V to 3.6 V to account for inaccuracies and
transients of up to ±10% on the supply voltage.
When powering up the ADXL314, the VS and VDD I/O rise time must
be linear and within 250 µs to reach 2.0 V. When powering down,
VS and VDD I/O must be fully discharged to ground level (0 V) for
at least 200 ms before the device is powered back up. To enable
supply discharge, it is recommended to power the device from a
microcontroller general-purpose input and output (GPIO), connect a
shutdown discharge switch to the supply, or use a voltage regulator
with a shutdown discharge feature.
A 1 µF tantalum capacitor (CS) at VS and a 0.1 µF ceramic
capacitor (CI/O) at VDD I/O placed close to the ADXL314 supply pins
are recommended to adequately decouple the accelerometer from
noise on the power supply. If additional decoupling is necessary,
a resistor or ferrite bead (no larger than 100 Ω) in series with VS
may be helpful. Additionally, increasing the bypass capacitance on
VS to a 10 µF tantalum capacitor in parallel with a 0.1 µF ceramic
capacitor may also improve noise performance.
Make sure that the connection from the ADXL314 ground to the
power supply ground has low impedance because noise transmit-
ted through ground has an effect similar to noise transmitted
through VS. It is recommended that VS and VDD I/O be separate
supplies to minimize digital clocking noise on the VS supply. If it
is not possible to use separate supplies, additional filtering of the
supplies, as previously mentioned, may be necessary.
Figure 29. Application Diagram
MECHANICAL CONSIDERATIONS FOR
MOUNTING
Mount the ADXL314 on the PCB in a location close to a hard
mounting point of the PCB to the case. Mounting the ADXL314 at
an unsupported PCB location, as shown in Figure 30, may result
in large, apparent measurement errors due to undampened PCB
vibration. Locating the accelerometer near a hard mounting point
ensures that any PCB vibration at the accelerometer is above
the mechanical sensor resonant frequency of the accelerometer
and is, therefore, effectively invisible to the accelerometer. Multiple
mounting points, close to the sensor, and/or a thicker PCB also help
to reduce the effects of system resonance on the performance of
the sensor.
Figure 30. Incorrectly Placed Accelerometers
THRESHOLD
The lower output data rates are achieved by decimating a common
sampling frequency inside the device. The activity detection func-
tion is performed using undecimated data. Because the bandwidth
of the output data varies with the data rate and is lower than the
bandwidth of the undecimated data, the high frequency and high g
data that determine activity may not be present if the output of the
accelerometer is examined, which can result in functions triggering
when acceleration data does not appear to meet the conditions set
by the user for the corresponding function.
LINK MODE
The function of the link bit is to reduce the number of activity
interrupts that the processor must service by setting the device to
look for activity only after inactivity. For proper operation of this
feature, the processor must still respond to the activity and inactivity
interrupts by reading the INT_SOURCE register (Address 0x30)
and, therefore, clearing the interrupts. If an activity interrupt is not
cleared, the device cannot go into autosleep mode.
SLEEP MODE VS. LOW POWER MODE
In applications where a low data rate and low power consumption
are desired (at the expense of noise performance), it is recom-
mended that low power mode be used. The use of low power
mode preserves the functionality of the DATA_READY interrupt
and the FIFO for postprocessing of the acceleration data. Sleep
mode, while offering a low data rate and power consumption, is not
intended for data acquisition.
However, when sleep mode is used in conjunction with the auto-
sleep mode and the link mode, the device can automatically switch
to a low power, low sampling rate mode when inactivity is detected.
To prevent the generation of redundant inactivity interrupts, the
inactivity interrupt is automatically disabled and activity is enabled.
When the ADXL314 is in sleep mode, the host processor can also
be placed into sleep mode or low power mode to save significant
system power. Once activity is detected, the accelerometer auto-
matically switches back to the original data rate of the application
and provides an activity interrupt that can be used to wake up
the host processor. Similar to when inactivity occurs, detection of
activity events is disabled and inactivity is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com