Electronic Components Datasheet Search
  English  ▼

X  

S12ECT16B8CV2 Datasheet(PDF) 134 Page - NXP Semiconductors

Part # S12ECT16B8CV2
Description  MC9S12XDP512 Device User Guide
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12ECT16B8CV2 Datasheet(HTML) 134 Page - NXP Semiconductors

Back Button S12ECT16B8CV2 Datasheet HTML 130Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 131Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 132Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 133Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 134Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 135Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 136Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 137Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 138Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 152 page
background image
MC9S12XDP512 Device User Guide — V01.12
A.5.1.5 Pseudo Stop and Wait Recovery
The recovery from Pseudo STOP and Wait are essentially the same since the oscillator was not stopped in
both modes. The controller can be woken up by internal or external interrupts. After twrs the CPU starts
fetching the interrupt vector.
A.5.2 Oscillator
The device features an internal low-power loop controlled Pierce oscillator and a full swing Pierce
oscillator/external clock mode. The selection of loop controlled Pierce oscillator or full swing Pierce
oscillator/external clock depends on the XCLKS signal which is sampled during reset. Before asserting
the oscillator to the internal system clocks the quality of the oscillation is checked for each start from either
power-on, STOP or oscillator fail. tCQOUT specifies the maximum time before switching to the internal
self clock mode after POR or STOP if a proper oscillation is not detected. The quality check also
determines the minimum oscillator start-up time tUPOSC. The device also features a clock monitor. A
Clock Monitor Failure is asserted if the frequency of the incoming clock signal is below the Assert
Frequency fCMFA.
Table A-18 Oscillator Characteristics
Conditions are shown in Table A-1 unless otherwise noted
Num
C
Rating
Symbol
Min
Typ
Max
Unit
1a
C Crystal oscillator range (loop controlled Pierce)
fOSC
4.0
16
MHz
1b
C Crystal oscillator range (full swing Pierce) 1,2
NOTES:
1. Depending on the crystal a damping series resistor might be necessary
2. XCLKS =0 during reset
fOSC
0.5
40
MHz
2
P Startup Current
iOSC
100
µA
3
C Oscillator start-up time (loop controlled Pierce)
tUPOSC
TBD3
3. fosc = 4MHz, C = 22pF.
504
4. Maximum value is for extreme cases using high Q, low frequency crystals
ms
4
D Clock Quality check time-out
tCQOUT
0.45
2.5
s
5
P Clock Monitor Failure Assert Frequency
fCMFA
50
100
200
ΚΗz
6
P External square wave input frequency
fEXT
0.5
TBD
MHz
7
D External square wave pulse width low
tEXTL
TBD
ns
8
D External square wave pulse width high
tEXTH
TBD
ns
9
D External square wave rise time
tEXTR
TBD
ns
10
D External square wave fall time
tEXTF
TBD
ns
11
D Input Capacitance (EXTAL, XTAL inputs)
CIN
TBD
pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com