Electronic Components Datasheet Search
  English  ▼

X  

S12ECT16B8CV2 Datasheet(PDF) 131 Page - NXP Semiconductors

Part # S12ECT16B8CV2
Description  MC9S12XDP512 Device User Guide
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12ECT16B8CV2 Datasheet(HTML) 131 Page - NXP Semiconductors

Back Button S12ECT16B8CV2 Datasheet HTML 127Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 128Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 129Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 130Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 131Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 132Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 133Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 134Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 135Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 152 page
background image
MC9S12XDP512 Device User Guide — V01.12
A.4 Voltage Regulator
Table 28-2 Voltage Regulator Electrical Characteristics
Num
C
Characteristic
Symbol
Min
Typical
Max
Unit
1
P
Input Voltages
VVDDR,A
3.15
—
5.5
V
2P
Regulator Current
Reduced Power Mode
Shutdown Mode
IREG
—
—
20
12
50
40
µA
µA
3P
Output Voltage Core
Full Performance Mode
Reduced Power Mode
Shutdown Mode
VDD
2.35
1.6
—
2.5
2.5
—1
NOTES:
1. High Impedance Output
2.75
2.75
—
V
V
V
4P
Output Voltage PLL
Full Performance Mode
Reduced Power Mode2
Reduced Power Mode3
Shutdown Mode
2. Current IDDPLL = 1mA (Colpitts Oscillator)
3. Current IDDPLL = 3mA (Pierce Oscillator)
VDDPLL
2.35
2.0
1.6
—
2.5
2.5
2.5
—4
4. High Impedance Output
2.75
2.75
2.75
—
V
V
V
7P
Low Voltage Interrupt5
Assert Level
Deassert Level
5. Monitors VDDA, active only in Full Performance Mode. Indicates I/O & ADC performance degradation due to
low supply voltage.
VLVIA
VLVID
4.1
4.25
4.37
4.52
4.66
4.77
V
V
8P
Low Voltage Reset6
Assert Level
6. Monitors VDD, active only in Full Performance Mode. MCU is monitored by the POR in RPM (see Figure A-1)
VLVRA
2.25
—
—
V
9C
Power-on Reset7
Assert Level
Deassert Level
7. Monitors VDD. Active in all modes.
NOTE:
The electrical characteristics given in this section are preliminary and
should be used as a guide only. Values in this section cannot be
guaranteed by Motorola and are subject to change without notice.
VPORA
VPORD
0.97
—
—
—
—
2.05
V
V
12
C
Trimmed API internal clock
∆f / f
nominal
dfAPI
- 10%
—
+ 10%
—
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com