Electronic Components Datasheet Search
  English  ▼

X  

S12ECT16B8CV2 Datasheet(PDF) 117 Page - NXP Semiconductors

Part # S12ECT16B8CV2
Description  MC9S12XDP512 Device User Guide
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12ECT16B8CV2 Datasheet(HTML) 117 Page - NXP Semiconductors

Back Button S12ECT16B8CV2 Datasheet HTML 113Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 114Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 115Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 116Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 117Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 118Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 119Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 120Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 152 page
background image
MC9S12XDP512 Device User Guide — V01.12
Table A-7 5V I/O Characteristics
Conditions are 4.5V < VDD5 <5.5V Temperature from -40C to +140C,unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
1
P Input High Voltage
V
IH
0.65*VDD5
--
V
T Input High Voltage
VIH
-
-
VDD5 + 0.3
V
2
P Input Low Voltage
V
IL
--
0.35*VDD5
V
T Input Low Voltage
VIL
VSS5 - 0.3
-
-
V
3
C Input Hysteresis
V
HYS
250
mV
4P
Input Leakage Current (pins in high impedance input
mode)1
V
in
= V
DD5
or V
SS5
I
in
–2.5
-
2.5
µA
5C
Output High Voltage (pins in output mode)
Partial Drive IOH = –2mA
V
OH
VDD5 – 0.8
--
V
6P
Output High Voltage (pins in output mode)
Full Drive IOH = –10mA
VOH
VDD5 – 0.8
--
V
7C
Output Low Voltage (pins in output mode)
Partial Drive IOL = +2mA
VOL
-
-
0.8
V
8P
Output Low Voltage (pins in output mode)
Full Drive IOL = +10mA
V
OL
-
-
0.8
V
9P
Internal Pull Up Device Current,
tested at V
IL
Max.
IPUL
-
-
-130
µA
10
C
Internal Pull Up Device Current,
tested at V
IH
Min.
IPUH
-10
-
-
µA
11
P
Internal Pull Down Device Current,
tested at V
IH
Min.
IPDH
-
-
130
µA
12
C
Internal Pull Down Device Current,
tested at V
IL
Max.
IPDL
10
-
-
µA
13
D Input Capacitance
Cin
6-
pF
14
T
Injection current2
Single Pin limit
Total Device Limit. Sum of all injected currents
IICS
IICP
-2.5
-25
-
2.5
25
mA
15
P Port H, J, P Interrupt Input Pulse filtered3
tPULSE
3
µs
16
P Port H, J, P Interrupt Input Pulse passed3
tPULSE
10
µs
NOTES:
1. Maximum leakage current occurs at maximum operating temperature. Current decreases by approximately one-half for
each 8 C to 12 C in the temperature range from 50 C to 125 C.
2. Refer to Section A.1.4 Current Injection, for more details
3. Parameter only applies in STOP or Pseudo STOP mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com