Electronic Components Datasheet Search
  English  ▼

X  

S12ECT16B8CV2 Datasheet(PDF) 116 Page - NXP Semiconductors

Part # S12ECT16B8CV2
Description  MC9S12XDP512 Device User Guide
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12ECT16B8CV2 Datasheet(HTML) 116 Page - NXP Semiconductors

Back Button S12ECT16B8CV2 Datasheet HTML 112Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 113Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 114Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 115Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 116Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 117Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 118Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 119Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 152 page
background image
MC9S12XDP512 Device User Guide — V01.12
6P
Output High Voltage (pins in output mode)
Full Drive IOH = –5.5mA
VOH
VDD5 – 0.4
--
V
7C
Output Low Voltage (pins in output mode)
Partial Drive IOL = +2mA
VOL
-
-
0.4
V
8P
Output Low Voltage (pins in output mode)
Full Drive IOL = +5.5mA
V
OL
-
-
0.4
V
9P
Internal Pull Up Device Current,
tested at V
IL
Max.
IPUL
-
-
TBD
µA
10
C
Internal Pull Up Device Current,
tested at V
IH
Min.
IPUH
TBD
-
-
µA
11
P
Internal Pull Down Device Current,
tested at V
IH
Min.
IPDH
-
-
TBD
µA
12
C
Internal Pull Down Device Current,
tested at V
IL
Max.
IPDL
TBD
-
-
µA
13
D Input Capacitance
Cin
6-
pF
14
T
Injection current2
Single Pin limit
Total Device Limit. Sum of all injected currents
IICS
IICP
-2.5
-25
-
2.5
25
mA
15
P Port H, J, P Interrupt Input Pulse filtered3
tPULSE
3
µs
16
P Port H, J, P Interrupt Input Pulse passed3
tPULSE
10
µs
NOTES:
1. Maximum leakage current occurs at maximum operating temperature. Current decreases by approximately one-half for
each 8 C to 12 C in the temperature range from 50 C to 125 C.
2. Refer to Section A.1.4 Current Injection, for more details
3. Parameter only applies in STOP or Pseudo STOP mode.
Table A-6 3.3V I/O Characteristics
Conditions are 3.0V < VDD5 <3.6V Temperature from -40C to +140C,unless otherwise noted
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com