Electronic Components Datasheet Search
  English  ▼

X  

S12ECT16B8CV2 Datasheet(PDF) 115 Page - NXP Semiconductors

Part # S12ECT16B8CV2
Description  MC9S12XDP512 Device User Guide
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12ECT16B8CV2 Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button S12ECT16B8CV2 Datasheet HTML 111Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 112Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 113Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 114Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 115Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 116Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 117Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 118Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 152 page
background image
MC9S12XDP512 Device User Guide — V01.12
A.1.9 I/O Characteristics
This section describes the characteristics of all 5V I/O pins. All parameters are not always applicable, e.g.
not all parameters are always applicable.
Table A-5 Thermal Package Characteristics1
NOTES:
1. The values for thermal resistance are achieved by package simulations
Num C
Rating
Symbol
Min
Typ
Max
Unit
1
T Thermal Resistance LQFP144, single sided PCB
θ
JA
-
-
TBD
oC/W
2T
Thermal Resistance LQFP144, double sided PCB
with 2 internal planes
θ
JA
-
-
TBD
oC/W
3
T Thermal Resistance LQFP112, single sided PCB
θ
JA
-
-
TBD
oC/W
4T
Thermal Resistance LQFP112, double sided PCB
with 2 internal planes
θ
JA
-
-
TBD
oC/W
5T Thermal Resistance LQFP112, single sided PCB2
2. PC Board according to EIA/JEDEC Standard 51-2
θ
JA
-
-
TBD
oC/W
6T
Thermal Resistance LQFP112, double sided PCB
with 2 internal planes3
3. PC Board according to EIA/JEDEC Standard 51-7
θ
JA
-
-
TBD
oC/W
7
T Thermal Resistance QFP 80, single sided PCB
θ
JA
-
-
TBD
oC/W
8T
Thermal Resistance QFP 80, double sided PCB with
2 internal planes
θ
JA
-
-
TBD
oC/W
Table A-6 3.3V I/O Characteristics
Conditions are 3.0V < VDD5 <3.6V Temperature from -40C to +140C,unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
1
P Input High Voltage
V
IH
0.65*VDD5
--
V
T Input High Voltage
VIH
-
-
VDD5 + 0.3
V
2
P Input Low Voltage
V
IL
--
0.35*VDD5
V
T Input Low Voltage
VIL
VSS5 - 0.3
-
-
V
3
C Input Hysteresis
V
HYS
250
mV
4P
Input Leakage Current (pins in high impedance input
mode)1
V
in
= V
DD5
or V
SS5
I
in
–2.5
-
2.5
µA
5C
Output High Voltage (pins in output mode)
Partial Drive IOH = –2mA
V
OH
VDD5 – 0.4
--
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com