Electronic Components Datasheet Search
  English  ▼

X  

M66596 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 26Page - Renesas Technology Corp M66596 Datasheet HTML 27Page - Renesas Technology Corp M66596 Datasheet HTML 28Page - Renesas Technology Corp M66596 Datasheet HTML 29Page - Renesas Technology Corp M66596 Datasheet HTML 30Page - Renesas Technology Corp M66596 Datasheet HTML 31Page - Renesas Technology Corp M66596 Datasheet HTML 32Page - Renesas Technology Corp M66596 Datasheet HTML 33Page - Renesas Technology Corp M66596 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 28 of 127
CFIFO port control register [CFIFOCTR]
<Address: 20H>
D0FIFO port control register [D0FIFOCTR]
<Address: 26H>
D1FIFO port control register [D1FIFOCTR]
<Address: 2CH>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
BVAL
BCLR
FRDY
DTLN
0
0
-
0
0
0
-
0
0
0
-
0
?
?
?
?
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
Bit
Name
Function
S/W
H/W
Note
15 BVAL
Buffer Memory Valid flag
0: Invalid
1: Writing ended
R/ W(1) R/W
3.4.2
*7)
14 BCLR
CPU Buffer Clear
0: Invalid
1: Clears the buffer memory on the CPU side.
R(0)/
W(1)
R/W(0) 3.4.2
*8), *9)
13 FRDY
FIFO Port Ready
0: FIFO port access is disabled.
1: The FIFO port can be accessed.
R
W
3.4.4
*10)
12 Nothing is placed here. This should be fixed at “0”.
11-0 DTLN
Reception Data Length
The length of the reception data can be
confirmed.
R
W
3.4.4
*8)
<<Notes>>
*7) Writing “1” to the BVAL bit is valid when the direction of the data packet is the sending direction (when data is
being written to the buffer memory). When the direction is the receiving direction, “BVAL=0” should be set.
*8) The BCLR bit and DTLN bit are valid for the buffer memory on the CPU side. Software should set “BCLR=1” or
refer DTLN bit after making sure that “FRDY=1”.
*9) Using the BCLR bit to clear the buffer should be done with the pipe invalid state by the pipe configuration
(“PID=NAK”).
*10) The FRDY bit requires an access cycle of at least 450 ns after the pipe has been selected.
CFIFO port SIE register [CFIFOSIE]
<Address: 22H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TGL
SCLR SBUSY
0
0
-
0
0
0
-
0
0
0
-
0
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
Bit
Name
Function
S/W
H/W
Note
15 TGL
Access Right Switch
0: Invalid
1: Switches access right
R(0)/
W(1)
R/W(0) 3.4.2.3
*11)
14 SCLR
SIE Buffer Clear
0: Invalid
1: Clears buffer memory on SIE side
R(0)/
W(1)
R/W(0) 3.4.2.4
*12)
13 SBUSY
SIE Buffer Busy
0: SIE is not being accessed.
1: SIE is being accessed.
R
W
3.4.2.3
12-0 Nothing is placed here. These should be fixed at “0”.
<<Note>>
*11) The function of the TGL bit is to set the buffer memory on the SIE side to the CPU side. Set “PID=NAK” and
check the SBUSY bit to make sure the SIE is not accessing the buffer (“SBUSY=0”). Then write the TGL bit
(toggle operation). This bit is valid only for pipes for which the reception direction (reading from the buffer
memory) has been set.
*12) The function of the SCLR bit is to clear the buffer memory on the SIE side. Set “PID=NAK” and check the
SBUSY
bit to make sure the SIE is not accessing the buffer (“SBUSY=0”). Then clear the buffer. This bit is
valid only for pipes for which the sending direction (writing to the buffer memory) has been set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com