Electronic Components Datasheet Search
  English  ▼

X  

M66596 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 88Page - Renesas Technology Corp M66596 Datasheet HTML 89Page - Renesas Technology Corp M66596 Datasheet HTML 90Page - Renesas Technology Corp M66596 Datasheet HTML 91Page - Renesas Technology Corp M66596 Datasheet HTML 92Page - Renesas Technology Corp M66596 Datasheet HTML 93Page - Renesas Technology Corp M66596 Datasheet HTML 94Page - Renesas Technology Corp M66596 Datasheet HTML 95Page - Renesas Technology Corp M66596 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 90 of 127
3.7.2
NYET handshake control in the Peripheral mode
Table 3.23 shows the NYET handshake responses of the controller. The NYET response of the controller is made in
conformance with the conditions noted below. When a short packet is received, however, the response will be an ACK
response rather than a NYET packet response. The same applies to data stages of control write transfers.
Table 3.23 NYET handshake responses
Value set for PID
bit
Buffer memory
state
Token
Response
Note
NAK/STALL
-
SETUP
ACK
-
-
IN/OUT/PING
NAK/STALL
-
BUF
-
SETUP
ACK
-
RCV-BRDY*1
OUT/PING
ACK
If an OUT token is received, a data packet is
received.
RCV-BRDY*2
OUT
NYET
Notification of whether a data packet is received
or cannot be received
RCV-BRDY*2
OUT (Short)
ACK
Notification of whether a data packet is received
or cannot be received
RCV-BRDY*2
PING
ACK
Notification that reception is not possible
RCV-NRDY
OUT / PING
NAK
Notification that reception is not possible
TRN-BRDY
IN
DATA0 / 1
Data packet transmission
TRN-NRDY
IN
NAK
TRN-NRDY
*1) Buffer memory is state is as following;
RCV-BRDY*1: When an OUT/PING token is received, there is space in the buffer memory for two or more
packets.
RCV-BRDY*2: When an OUT token is received, there is only enough space in the buffer memory for one packet.
RCV-NRDY: When a PING token is received, there is no space in the buffer memory.
TRN-BRDY: When an IN token is received, there is data to be sent in the buffer memory.
TRN-NRDY: When an IN token is received, there is no data to be sent in the buffer memory.
3.8 Interrupt transfers(PIPE6-7)
In the Peripheral mode, the controller carries out interrupt transfers in accordance with the timing controlled by
the host controller. For interrupt transfers, PING packets are ignored (no response is sent), and the ACK, NAK and
STALL responses are carried out without an NYET handshake response being made.
In the Host mode, this controller can set up the transmitting timing of a token by interval counter. This controller
does not transmit a PING token at the time of interruption out transmission. When NYET from peripheral is
received, this controller carries out the same operation as ACK reception.
The controller does not support High-Bandwidth transfers of interrupt transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com