Electronic Components Datasheet Search
  English  ▼

X  

M66596 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 92Page - Renesas Technology Corp M66596 Datasheet HTML 93Page - Renesas Technology Corp M66596 Datasheet HTML 94Page - Renesas Technology Corp M66596 Datasheet HTML 95Page - Renesas Technology Corp M66596 Datasheet HTML 96Page - Renesas Technology Corp M66596 Datasheet HTML 97Page - Renesas Technology Corp M66596 Datasheet HTML 98Page - Renesas Technology Corp M66596 Datasheet HTML 99Page - Renesas Technology Corp M66596 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 94 of 127
3.9.3.2 Counter initialization in the Peripheral mode
The controller initializes the interval counter under the following conditions.
(1) H/W reset
The IITV bit is initialized.
(2) S/W reset by USBE bit
The IITV bit is initialized.
(3) The return from Low-power sleep state
The IITV bit is initialized.
(4) Buffer memory initialization by the ACLRM bit.
A count is initialized although an IITV bit is not initialized. By setting an ACLRM bit to 0, the setting value of
IITV
is counted from the beginning.
After the interval counter has been initialized, the counter is started under the following conditions, when a
packet has been transferred normally.
(1)
An SOF is received following transmission of data in response to an IN token, in the “PID-BUF” state
(2)
An SOF is received after data following an OUT token is received in the “PID=BUF” state
The interval counter is not initialized under the conditions noted below.
(1)
The pipe is disabled
The “PID=NAK or STALL” setting temporarily stops the count, and the count resumes upon “PID=BUF”.
(2)
The USB is suspended and Bus reset
The count stops temporarily and then continues when SOF packet is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com