Electronic Components Datasheet Search
  English  ▼

X  

M66596 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 13Page - Renesas Technology Corp M66596 Datasheet HTML 14Page - Renesas Technology Corp M66596 Datasheet HTML 15Page - Renesas Technology Corp M66596 Datasheet HTML 16Page - Renesas Technology Corp M66596 Datasheet HTML 17Page - Renesas Technology Corp M66596 Datasheet HTML 18Page - Renesas Technology Corp M66596 Datasheet HTML 19Page - Renesas Technology Corp M66596 Datasheet HTML 20Page - Renesas Technology Corp M66596 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 15 of 127
Address
Symbol
Name
Index
5C
DCPCFG
DCP configuration register
2.13
5E
DCPMAXP
DCP maximum packet size register
2.13
60
DCPCTR
DCP control register
2.13
62
64
PIPESEL
Pipe window selection register
2.14
66
PIPECFG
Pipe configuration register
2.14
6E
PIPEBUF
Pipe buffer setting register
2.14
6A
PIPEMAXP
Pipe maximum packet size register
2.14
6C
PIPEPERI
Pipe period control register
2.14
6E
70
PIPE1CTR
Pipe 1 control register
2.14
72
PIPE2CTR
Pipe 2 control register
2.14
74
PIPE3CTR
Pipe 3 control register
2.14
76
PIPE4CTR
Pipe 4 control register
2.14
78
PIPE5CTR
Pipe 5 control register
2.14
7A
PIPE6CTR
Pipe 6 control register
2.14
7C
PIPE7CTR
Pipe 7 control register
2.14
7E
Nothing is placed in addresses that are shaded. These addresses should not be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com