Electronic Components Datasheet Search
  English  ▼

X  

M66596 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 10Page - Renesas Technology Corp M66596 Datasheet HTML 11Page - Renesas Technology Corp M66596 Datasheet HTML 12Page - Renesas Technology Corp M66596 Datasheet HTML 13Page - Renesas Technology Corp M66596 Datasheet HTML 14Page - Renesas Technology Corp M66596 Datasheet HTML 15Page - Renesas Technology Corp M66596 Datasheet HTML 16Page - Renesas Technology Corp M66596 Datasheet HTML 17Page - Renesas Technology Corp M66596 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 12 of 127
1.7.7
External elements integration
The controller has the following external elements built into it. Also, because the VBUS pin can withstand 5 V,
the user system can input the VBUS signal directly to the controller.
(1) Resistors necessary for D+ and D- line control
Resistance of D+ and D-line is built in.
D+ pull up-registor(Peripheral mode)
D+, D- pull-down registor(Host mode)
D+, D- terminating resistors (for Hi-Speed operation)
D+, D- output resistors (for Full-Speed operation)
(2) 48 MHz and 480 MHz PLL
One of three external clocks (12 MHz / 24 MHz / 48 MHz) can be selected and Hi-Speed and Full-Speed
operation carried out.
1.7.8
Low-power sleep state function
The controller is equipped with a low-power sleep state that reduces current consumption.
The low-power sleep state functions effectively under the following circumstances.
(1) When there is no host or peripheral controller connected
(2) When the device state is shifted to the suspended state, and USB data transfer is not necessary
The system is returned from the low-power sleep state to the normal operating state using a designated
interrupt, or by dummy writing to the controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com