Electronic Components Datasheet Search
  English  ▼

X  

M66596 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 56Page - Renesas Technology Corp M66596 Datasheet HTML 57Page - Renesas Technology Corp M66596 Datasheet HTML 58Page - Renesas Technology Corp M66596 Datasheet HTML 59Page - Renesas Technology Corp M66596 Datasheet HTML 60Page - Renesas Technology Corp M66596 Datasheet HTML 61Page - Renesas Technology Corp M66596 Datasheet HTML 62Page - Renesas Technology Corp M66596 Datasheet HTML 63Page - Renesas Technology Corp M66596 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 58 of 127
3.1.8.4 Stopping the internal clock supply (From a normal operating state to clock stop state)
The timing diagram of the transition from the normal operation state to the clock stop state of the controller is
shown in Figure 3.8. The transitions should be operated according to the following sequence.
(1) Software disables the internal clock suppliance.
"SCKE=0"
(2) Software waits until an internal clock stops.
(A waiting time of at least 300 ns is necessary.)
(3) Software disables the PLL.
"PLLC=0"
(4) Software waits for the PLL to stop.
(A waiting time of at least 300 ns is necessary.)
(5) Software disables reference clock suppliance.
"RCKE=0"
(6) Software waits until the reference clock stops.
(A waiting time of at least 300 ns is necessary.)
(7) Software disables the oscillation buffer.
"XCKE=0"
XCKE
RCKE
PLLC
SCKE
(2) min 300ns
(1)
Start of transit to
the clock stop
(3)
(5)
(4) min 300ns
(6) min 300ns
(7)
Figure 3.8 Transition control timing to the clock stop state
3.1.8.5 Starting the internal clock supply (From the clock stop state to the normal operating state: with
"ATCKM=1")
The timing diagram from the clock stop state to the normal operation state is shown in Figure 3.9. The timing
diagram is in the case of the auto clock supply function is enabled ("ATCKM=1"; recommended setting).
In this case, the controller operates registers when resume signal is detected. The controller changes to the normal
operation state by waiting for access prohibition time after resume interruption is generated. The register operation
by software is not required. If VBUS interrupt is occurs, the softwear need to enable the oscillation buffer
(1) The controller detects the resume signal or VBUS changes on a USB bus, and the INT_N pin is asserted.
(2) When resume signal is received, the controller automatically enables the oscillation buffer. "XCKE=1(H/W)"
When VBUS change occurs, the softwear needs to enable the oscillation buffer. "XCKE=1.
(3) The softwear waits until access is enabled. (A waiting time of at least 2.5 ms is necessary.)
(4) The controller automatically enables RCKE, PLLC, and SCKE during (3).
(5) Software performs resume processing depending on the interrupt factor, resume or attachment.
XCKE
Resume :H/W
VBUS chage :S/W
RCKE(H/W)
PLLC(H/W)
SCKE(H/W)
(3) 2.5ms (access disabled)
Clock stop
recovery
INT_N
Event
CS_N
(1),(2)
(4)
(5)
Figure 3.9 Recovery control timing from the clock stop state with “ATCKM=1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com