Electronic Components Datasheet Search
  English  ▼

X  

M66596 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 16Page - Renesas Technology Corp M66596 Datasheet HTML 17Page - Renesas Technology Corp M66596 Datasheet HTML 18Page - Renesas Technology Corp M66596 Datasheet HTML 19Page - Renesas Technology Corp M66596 Datasheet HTML 20Page - Renesas Technology Corp M66596 Datasheet HTML 21Page - Renesas Technology Corp M66596 Datasheet HTML 22Page - Renesas Technology Corp M66596 Datasheet HTML 23Page - Renesas Technology Corp M66596 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 18 of 127
2.3 System control
System configuration control register [SYSCFG]
<Address : 00H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
XTAL
XCKE
RCKE
PLLC
SCKE
ATCKM
HSE
DCFM DMRPD DPRPU
FSRPC PCUT
USBE
0
-
-
-
0
-
-
-
0
-
-
1
0
-
-
0
0
-
-
0
0
-
-
0
?
?
?
?
0
-
-
-
0
-
-
-
0
-
-
-
0
-
-
-
0
-
-
-
?
?
?
?
0
-
-
-
0
-
-
0
0
-
-
-
Bit
Name
Function
S/W
H/W
Note
15-14 XTAL
Clock selection
00: 12 MHz input
01: 24 MHz input
10: 48 MHz input
11: Reserved
R/W
R
3.1.6
13
XCKE
Oscillation buffer enabled
0: Oscillation buffer operation disabled
1: Oscillation buffer operation enabled
R/W
R/W
(1)
3.1.6
*2)
12
RCKE
Reference clock enabled
0: Reference clock supply stopped
1: Reference clock supply enabled
R/W
R
3.1.6
11
PLLC
PLL operation enabled
0: PLL operation disabled
1: PLL operation enabled
R/W
R
3.1.6
10
SCKE
Internal clock enabled
0: Internal clock supply stopped
1: Internal clock supply enabled
R/W
R
3.1.6
9
Nothing is placed here. It should be fixed at “0”.
8
ATCKM
Auto clock supply function enabled
The clock is supplied from the low-power sleep
state or clock stop state.
0: Auto clock supply function disabled
1: Auto clock supply function enabled
R/W
R
3.1.7
7
HSE
Hi-Speed operation enabled
This enables Hi-Speed operation.
0: Hi-Speed operation disabled (Full-Speed)
1: Hi-Speed operation enabled (detected by
controller)
R/W
R
2.3.1
3.1.4
*1)
6
DCFM
0: Peripheral Controller
1: Host Controller
R/W
R
2.3.1
*1)
5
DMRPD
D+,D- line resistance control
R/W
R
2.3.4
4
DPRPU
D+,D- line resistance control
For detailed information, refer to Chapter 2.3.4
R/W
R
2.3.4
3
Nothing is placed here. These should be fixed at “0”.
2
FSRPC
Full-Speed receiver enable
0: Full-Speed receiver is controled by H/W
1: Full-Speed receiver enabled by S/W
R/W
R
2.3.3
1
PCUT
Low-power sleep state enabled
0: Normal operation state
1: Low-power sleep state
R/W (1) R/W
(0)
*1)
0
USBE
USB block operation enabled
0: USB block operation disabled (S/W Reset)
1: USB block operation enabled
R/W
R
2.3.2
3.1.4
<< Notes >>
*1) The Hi-Speed operation enabled (HSE) bit and Device Controller function (DCFM) should be set before the
internal clock is supplied and .setup DPRPU and DPRPD bit.
*2) When the system returns from the low-power sleep state to the normal operation state, the controller sets
“XCKE = 1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com