Electronic Components Datasheet Search
  English  ▼

X  

M66596 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 29Page - Renesas Technology Corp M66596 Datasheet HTML 30Page - Renesas Technology Corp M66596 Datasheet HTML 31Page - Renesas Technology Corp M66596 Datasheet HTML 32Page - Renesas Technology Corp M66596 Datasheet HTML 33Page - Renesas Technology Corp M66596 Datasheet HTML 34Page - Renesas Technology Corp M66596 Datasheet HTML 35Page - Renesas Technology Corp M66596 Datasheet HTML 36Page - Renesas Technology Corp M66596 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 31 of 127
<<Note>>
None in particular
Interrupt enabled register 1[INTENB1]
<Address: 32H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
BCHGE
DTCHE
SIGNE SACKE
BRDYM
INTL
PCSE
?
?
?
?
0
0
-
-
?
?
?
?
0
0
-
0
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0
0
-
0
0
0
-
0
?
?
?
?
0
-
-
0
0
-
-
0
0
0
-
-
Bit
Name
Function
S/W
H/W
Note
15 Nothing is placed here. These should be fixed at “0”.
14 BCHGE
USB bus change interrupt enabled
0: Interrupt output disabled
1: Interrupt output enabled
R/W
R
2.7.1
2.7.4
2.7.8
3.2.11
13 Nothing is placed here. This should be fixed at “0”.
12 DTCHE
Full-Speed detach detect interrupt
enabled
0: Interrupt output disabled
1: Interrupt output enabled
R/W
R
2.7.1
2.7.5
3.2.12
*1), *2)
11-6 Nothing is placed here. This should be fixed at “0”.
5
SIGNE
Setup transaction error detect interupt
enabled
0: Interrupt output disabled
1: Interrupt output enabled
R/W
R
2.7.1
2.7.6
3.2.14
*1)
4
SACKE
Setup transaction complete interrupt
enabled
0: Interrupt output disabled
1: Interrupt output enabled
R/W
R
2.7.1
2.7.7
3.2.13
*1)
3
Nothing is placed here. This should be fixed at “0”.
2
BRDYM
BRDY interrupt status clear timing control
0: Software clears BRDY interrupt status
1: The controller clears BRDY interrupt status
R/W
R
*3)
1
INTL
Interrupt output sensing control
0: Edge sensing
1: Level sensing
R/W
R
3.2.1
0
PCSE
returning fact selection from low-power
sleep mode
0: USB resume detectionm, VBUS interrupt
detection during suspend, or CS_N signal
input
1: USB resume detectionm, or VBUS interrupt
detection during suspend
R/W
R
*4)
<<Notes>>
*1) DTCHE, SIGNE, SACKE bit are effective only at the time of a Host mode.
*2) The DTCHE bit is effective only at the time of Full-Speed mode.
Please perform detach detection by S/W, such as detecting ignore packet from peripheral device at the time of
Hi-Speed mode.
*3) When software sets "BRDYM=1", it will set “INTL=1” also.
*4) PCSE bit shoud be set after “USBE=1” setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com