Electronic Components Datasheet Search
  English  ▼

X  

M66596 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 44Page - Renesas Technology Corp M66596 Datasheet HTML 45Page - Renesas Technology Corp M66596 Datasheet HTML 46Page - Renesas Technology Corp M66596 Datasheet HTML 47Page - Renesas Technology Corp M66596 Datasheet HTML 48Page - Renesas Technology Corp M66596 Datasheet HTML 49Page - Renesas Technology Corp M66596 Datasheet HTML 50Page - Renesas Technology Corp M66596 Datasheet HTML 51Page - Renesas Technology Corp M66596 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 46 of 127
Pipe buffer setting register [PIPEBUF]
<Address: 68H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
BUFSIZE
BUFNMB
?
?
?
?
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
?
?
?
?
?
?
?
?
?
?
?
?
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
Bit
Name
Function
S/W
H/W
Note
15
Nothing is placed here. This should be fixed at “0”.
14-10 BUFSIZE
Buffer Size
Specifies the size of the pertinent pipe.
(from 0: 64 bytes to 0x1F: 2KB)
R/W
R
3.4.1
*6)
9-7 Nothing is placed here. These should be fixed at “0”.
6-0 BUFNMB
Buffer Number
Specifies the buffer number for the pertinent
pipe.(From 0x4 to 0x5F)
R/W
R
3.4.1
*7)
<<Notes>>
*6) The valid value for the BUFSIZE bit depends on the selected PIPE by the PIPESEL bit of the PIPESEL register.
When using PIPE1-5, this bit can select “BUFSIZE=00-1F”
When using PIPE6-7, writing to this bit is invalid.
*7) The BUFNMB bit can be set to match the user system when PIPE1-5 are selected.
"BUFNMB=0-3"is used exclusively for the DCP."BUFNMB=4-5"is allocated to PIPE6-7.
When using PIPE6, writing to this bit is invalid, and "BUFNMB=4” is always used for reading.
When using PIPE7, writing to this bit is invalid, and “BUFNMB=5” is always used for reading.
Pipe maximum packet size register [PIPEMAXP]
<Address: 6AH>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEVSEL
MXPS
0
0
-
0
0
0
-
0
?
?
?
?
?
?
?
?
?
?
?
?
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0(1)*9)
0(1)
-
0(1)
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
Bit
Name
Function
S/W
H/W
Note
15
DEVSEL
Device select
This specifies the device adress for the DCP in
the Host mode.
00 : Address 0
01 : Address 1
02 : Address 2
03 : Address 3
R/W
R
*8)
14
Nothing is placed here. These should be fixed at “0”.
10-0 MXPS
Maximum Packet Size
Specifies the maximum packet size for the
pertinent pipe.
R/W
R
3.3
*9),
*10)
<<Note>>
*8) This bit should be set “00” in the peripheral mode.
*9) The MXPS bit should be set to"0x00”, or the setting defined by the USB specification should be used.
*10) The default value of MXPS bit is "0x0" when "PIPSEL=0", and "0x40" when select "PIPESEL>0".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com