Electronic Components Datasheet Search
  English  ▼

X  

M66596 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 3Page - Renesas Technology Corp M66596 Datasheet HTML 4Page - Renesas Technology Corp M66596 Datasheet HTML 5Page - Renesas Technology Corp M66596 Datasheet HTML 6Page - Renesas Technology Corp M66596 Datasheet HTML 7Page - Renesas Technology Corp M66596 Datasheet HTML 8Page - Renesas Technology Corp M66596 Datasheet HTML 9Page - Renesas Technology Corp M66596 Datasheet HTML 10Page - Renesas Technology Corp M66596 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 5 of 127
1.4 Description of pins
Table 1.1 describes the controller pins. Table 1.2 describes the not used pins.
Table 1.1 Pin descriptions
State of pin *7)
Category
Pin name
Name
I/O
Function
Pin
count
(Pin
no.s.)
RST_
N=”L”
RST_
N
goes
“H”
PCUT
=1
D15-0
Data Bus
I/O
This is a 16-bit data bus.
AD6-1
Multiplex
Address Bus
I/O
When a multiplex bus is specified, this
group of pins is used on a time-shared
basis for some of the data buses
(D6-D1), or for 6 bits of the address
bus (A6-A1).
16
(24-39)
*4)
*4)
Input
(Hi-z)
A6-1
Address Bus
IN
This is a 6-bit address bus.
Because the data bus consists of 16
bits, there is no A0.
Input
*5)
Input
*5)
Input
(Hi-z)
ALE
Address Latch
Enable
IN
When a multiplex bus is specified, the
A6 pin is used as the ALE signal.
6
(18-23)
Input
Input
Input
CS_N
Chip Select
IN
Setting this to the “L” level selects this
controller.
1
(56)
Input
*6)
Input
*6)
Input
RD_N
Read Strobe
IN
Setting this to the “L” level reads data
from the controller registers.
1
(53)
Input
Input
Input
WR0_N
D7-0 Byte
Write Strobe
IN
At the rising edge, D7-D0 are written to
the registers of the controller.
1
(54)
Input
*6)
Input
*6)
Input
WR1_N
D15-8 Byte
Write Strobe
IN
At the rising edge, D15-D8 are written
to the registers of the controller.
1
(55)
Input
*6)
Input
*6)
Input
CPU bus
interface
MPBUS
Bus Mode
Selection
IN
Setting this to the “L” level selects a
separate bus.
Setting this to the “H” level selects a
multiplex bus.
This should be fixed at either the “H” or
“L” level.
1
(17)
Input
*3)
Input
*3)
Input
*3)
Split bus
interface
SD7-0
Split Data Bus
I/O
If a split bus is selected, this functions
as the data bus for the split bus.
8
(43-50)
Input
(Hi-z)
Input
(Hi-z)
Input
(Hi-z)
DREQ0_N*1)
DREQ1_N*1)
DMA Request
OUT
This notifies the system of a D0FIFO
port or D1FIFO port DMA transfer
request.
2
(57, 60)
H
H
H/L
*8)
DACK0_N*1)
DACK1_N*1)
DMA
Acknowledge
IN
Input the DMA Acknowledge signal for
the D0FIFO or D1FIFO port.
DSTB0_N*2)
Data Strobe 0
IN
This functions as the data strobe
signal for the D0FIFO port.
Because it is also used for the DMA
Acknowledge signal of the D1FIFO
port, the DSTB0_N function cannot be
used if the DACK1_N function is being
used.
2
(58, 61)
Input
Input
Input
DMA bus
interface
DEND0_N*1)
DEND1_N*1)
DMA Transfer
End
I/O
<In the FIFO port access writing
direction>
This receives the Transfer End signal
from another peripheral chip or the
CPU as an input signal.
<In the FIFO port access reading
direction>
This indicates the transfer end data as
an output signal.
2
(59, 62)
Input
(Hi-z)
Input
(Hi-z)
Input
(Hi-z)
Interrupt/
SOF
output
INT_N
Interrupt
OUT
In the “L” active state, this notifies the
system of various types of interrupts
relating to USB communication.
1
(51)
H
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com