Electronic Components Datasheet Search
  English  ▼

X  

M66596 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 14Page - Renesas Technology Corp M66596 Datasheet HTML 15Page - Renesas Technology Corp M66596 Datasheet HTML 16Page - Renesas Technology Corp M66596 Datasheet HTML 17Page - Renesas Technology Corp M66596 Datasheet HTML 18Page - Renesas Technology Corp M66596 Datasheet HTML 19Page - Renesas Technology Corp M66596 Datasheet HTML 20Page - Renesas Technology Corp M66596 Datasheet HTML 21Page - Renesas Technology Corp M66596 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 16 of 127
2.2 Table of bit symbols
Table 2.2 shows the controller bit symbols.
Table 2.2 Bit symbols
Odd-numberedaddresses
Even-numberedaddresses
Addr
Register
name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00 SYSCFG
XTAL
XCKE
RCKE
PLLC
SCKE
ATCKM
HSE
DCFM DMRPD DPRPU
FSRPC
PCUT
USBE
02 SYSSTS
LNST
04 DVSTCTR
WKUP RWUPE USBRST RESUME UACT
RHST
06 TESTMODE
UTST
08
0A PINCFG
LDRV
BIGEND
0C DMA0CFG
DREQA BURST
DACKA
DFORM
DENDA
PKTM
DENDE
OBUS
0E DMA1CFG
DREQA BURST
DACKA
DFORM
DENDA
PKTM
DENDE
OBUS
10 CFIFO
CFPORT
12
14 D0FIFO
D0FPORT
16
18 D1FIFO
D1FIPORT
1A
1C
1E CFIFOSEL
RCNT
REW
MBW
ISEL
CURPIPE
20 CFIFOCTR
BVAL
BCLR
FRDY
DTLN
22 CFIFOSIE
TGL
SCLR
SBUSY
24 D0FIFOSEL
RCNT
REW
DCLRM DREQE
MBW
TRENB TRCLR DEZPM
CURPIPE
26 D0FIFOCTR
BVAL
BCLR
FRDY
DTLN
28 D0FIFOTRN
TRNCNT
2A D1FIFOSEL
RCNT
REW
DCLRM DREQE
MBW
TRENB TRCLR DEZPM
CURPIPE
2C D1FIFOCTR
BVAL
BCLR
FRDY
DTLN
2E D1FIFOTRN
TRNCNT
30 INTENB0
VBSE
RSME
SOFE
DVSE
CTRE
BEMPE NRDYE BRDYE
URST
SADR
SCFG
SUSP
WDST
RDST
CMPL
SERR
32 INTENB1
BCHGE
DTCHE
SIGNE SACKE
BRDYM
INTL
PCSE
34
36 BRDYENB
PIPEBRDYE
38 NRDYENB
PIPENRDYE
3A BEMPENB
PIPEBEMPE
3C SOFCFG
SOFM
3E
40 INTSTS0
VBINT
RESM
SOFR
DVST
CTRT
BEMP
NRDY
BRDY
VBSTS
DVSQ
VALID
CTSQ
42 INTSTS1
BCHG
SOFR
DTCH
BEMP
NRDY
BRDY
SIGN
SACK
44
46 BRDYSTS
PIPEBRDY
48 NRDYSTS
PIPENRDY
4A BEMPSTS
PIPEBEMP
4C FRMNUM
OVRN
CRCE
SOFRM
FRNM
4E UFRMNUM
UFRNM
50 RECOVER
STSRECOV
USBADDR
52
54 USBREQ
bRequest
bmRequestType
56 USBVAL
wValue
58 USBINDX
wIndex
5A USBLENG
wLength
5C DCPCFG
CNTMD
DIR
5E DCPMAXP
DEVSEL
MXPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com