Electronic Components Datasheet Search
  English  ▼

X  

M66596 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 54Page - Renesas Technology Corp M66596 Datasheet HTML 55Page - Renesas Technology Corp M66596 Datasheet HTML 56Page - Renesas Technology Corp M66596 Datasheet HTML 57Page - Renesas Technology Corp M66596 Datasheet HTML 58Page - Renesas Technology Corp M66596 Datasheet HTML 59Page - Renesas Technology Corp M66596 Datasheet HTML 60Page - Renesas Technology Corp M66596 Datasheet HTML 61Page - Renesas Technology Corp M66596 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 56 of 127
3.1.8
State transition timing
3.1.8.1 Starting the internal clock supply (from the H/W reset state to the normal operating state)
Figure 3.5 shows a diagram of the clock supply start control timing of the controller. The transition from the H/W
reset state to the normal operating state should be done through operation of the bits at the timing noted below.
(1)
Software enables the oscillation buffer.
"XCKE=1"
(2)
Software waits for oscillation to stabilize.
(The oscillation stabilization time varies depending
on the oscillator.)
(3)
Software enables the reference clock suppliance
"RCKE=1", "PLLC=1"
and the PLL operation
(4)
Software waits for the PLL to lock.
(A waiting time of at least 8.3 us is necessary.)
(5)
Software enables the internal clock suppliance. "SCKE=1"
XCKE
RCKE
PLLC
SCKE
(2)
Approximately 1.5 ms
(varies depending on oscillation probe)
PCUT
(4)
min 8.3us
(1)
(3)
(5)
Start of internal
clock supply
procedure
Figure 3.5 Clock supply start control timing
3.1.8.2 Stopping the internal clock supply (from the normal operating state to the low-power sleep state)
Figure 3.6 shows a diagram of the low-power control timing from the normal operating state to the low-power sleep
state. The transition from the normal operating state to the low-power sleep state should be done through operation
of the bits at the timing noted below.
(1)
Software disables the internal clock suppliance."SCKE=0"
(2)
Software waits until the internal clock stops.
(A waiting time of at least 300 ns is necessary.)
(3)
Software disables the PLL.
"PLLC=0"
(4)
Software waits for the PLL to stop.
(A waiting time of at least 300 ns is necessary.)
(5)
Software disables reference clock suppliance.
"RCKE=0"
(6)
Software waits until the reference clock stops. (A waiting time of at least 300 ns is necessary.)
(7)
Software sets the bit for low-power sleep state. "PCUT=1"
(8)
The controller disables the oscillation buffer.
"XCKE=0(H/W)" *1)
*1) The software must not set the XCKE bit to "0".
XCKE(H/W)
RCKE
PLLC
SCKE
PCUT
(2) min 300ns
(1)
Start of transit to
the low power
state
(3)
(5)
(7)
(4) min 300ns
(6) min 300ns
(8)
Figure 3.6 Transition control timing to the low-power sleep state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com