Electronic Components Datasheet Search
  English  ▼

X  

M66596 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 96Page - Renesas Technology Corp M66596 Datasheet HTML 97Page - Renesas Technology Corp M66596 Datasheet HTML 98Page - Renesas Technology Corp M66596 Datasheet HTML 99Page - Renesas Technology Corp M66596 Datasheet HTML 100Page - Renesas Technology Corp M66596 Datasheet HTML 101Page - Renesas Technology Corp M66596 Datasheet HTML 102Page - Renesas Technology Corp M66596 Datasheet HTML 103Page - Renesas Technology Corp M66596 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 98 of 127
3.11 Communication schedule
3.11.1 The generation conditions of a transaction
In the Host mode, This controller generates a transaction according to the following conditions after supply of an
internal clock, and a setup of "UACT=1."
Table 3.27 The generation conditions of a transaction
Generation conditions
Transaction
DIR
PID
IITV*2)
Status of buffer
SUREQ
Setup
Set 1
IN
BUF
Invalid
There is a
receiving area
The data stage of control
transmission, status
stage, bulk transfer
OUT
BUF
Invalid
There is a
sending data
IN
BUF
Effective
There is a
receiving area
Interrupt transfer
OUT
BUF
Effective
There is a
sending data
Isochronous transfer
IN
BUF
Effective
*3)
OUT
BUF
Effective
*4)
*1) It is shown that slashes are conditions which are unrelated to generation of a token.
*2) The Effective means being generated only with the transmission frame by the interval counter. It is shown that
the Invalid is generated regardless of an interval counter.
*3) The controller generates a transaction regardless of a receiving area. However, receiving data is canceled when
there is no receiving area.
*4) The controller generates a transaction regardless of a sending data. However, when there is no transmitting
data, Zero-Length Packet is transmitted.
3.11.2 Communication schedule
This chapter explains the scheduling of transmission in the frame of this controller. After transmitting SOF ,
this controller transmits packets as follows.
(1) Execution of periodic transmission
The controller executes transactions, if it searches in order of PIPE1 ->PIPE2 ->PIPE6 ->PIPE7 and there is
a pipe in which the transaction of isochronous transfer or interrupt transfer is possible.
(2) Execute setup transaction of control transfer
DCP is checked, and if the setup transaction is possible, it will transmit.
(3) Execute bulk transfer, data stage and status stage of control transfer,
The controller searches PIPEs in following order. And a transaction will be executed if there is PIPE which
can execute the transaction of bulk, a control transmission data stage, and a control transmission status
stage.
The order of search : DCP -> PIPE1 -> PIPE2 -> PIPE3 -> PIPE4 -> PIPE5
When a transaction is executed, regardless of the response from Peripheral, it moves to the next PIPE.
Moreover, (3) will be repeated if there is time to transmit in a frame.
3.11.3 USB Communication enable
By setting the UACT bit of a DVSTCTR register as "1", transmission of SOF or uSOF is started and execution
of a transaction is enabled.
If a UACT bit is set as "0", transmission of SOF or uSOF will be stopped and it will be suspended. When
setting a UACT bit as 1->0, a controller stops sending packets, after it transmits next SOF or next uSOF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com