Electronic Components Datasheet Search
  English  ▼

X  

M66596 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 100Page - Renesas Technology Corp M66596 Datasheet HTML 101Page - Renesas Technology Corp M66596 Datasheet HTML 102Page - Renesas Technology Corp M66596 Datasheet HTML 103Page - Renesas Technology Corp M66596 Datasheet HTML 104Page - Renesas Technology Corp M66596 Datasheet HTML 105Page - Renesas Technology Corp M66596 Datasheet HTML 106Page - Renesas Technology Corp M66596 Datasheet HTML 107Page - Renesas Technology Corp M66596 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 102 of 127
4.5 Measurement circuit
4.5.1
Pins except for USB buffer block
CL
RL=1k
Ω
SW2
SW1
CL
Elements to
be measured
P.G.
RL=1k
Ω
VDD
VDD
input
tdis(CTRL(LZ))
tdis(CTRL(HZ))
ta(CTRL(ZL))
ta(CTRL(ZH))
SW2
SW1
(1) Input pulse level : 0 ~ 3.3V, 0 ~ 1.8V
Input pulse rise/fall time : tr,tf=3ns
Input timing standard voltage : VIF/2
Output timing judge voltage : VIF/2
(The tdis (LZ) is judged by 10% of the
output amplitude and the tdis (HZ) by
90% of the output amplitude.)
(2)The electrostatic capacity CL includes
the stray capacitance of the wire
connection and the input capacitance
of the probe.
50
Ω
GND
D15-0,
SD7-0,
DEND0_N,
DEND1_N
other output
closed
closed
closed
closed
open
open
open
open
item
4.5.2
USB buffer block (Full-Speed)
CL
D+
RL=15K
Ω
CL
D-
RL=15K
Ω
VDD
GND
Elements to
be measured
(1) The tr and tf are judged by the transition time of
the 10% amplitude point and 90% amplitude
point respectively.
(2) The electrostatic capacity CL includes the stray
capacitance of the wire connection and the
input capacitance of the probe.
DM
DP
(3) The resistor RL exists only
when peripheral mode.
4.5.3
USB buffer block (Hi-Speed)
CL
D+
RL=45
Ω
CL
D-
RL=45
Ω
VDD
GND
Elements to
be m
easured
DM
DP
(1) The tr and tf are judged by the transition time of
the 10% amplitude point and 90% amplitude
point respectively.
(2) The electrostatic capacity CL includes the stray
capacitance of the wire connection and the
input capacitance of the probe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com