Electronic Components Datasheet Search
  English  ▼

X  

M66596 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 106Page - Renesas Technology Corp M66596 Datasheet HTML 107Page - Renesas Technology Corp M66596 Datasheet HTML 108Page - Renesas Technology Corp M66596 Datasheet HTML 109Page - Renesas Technology Corp M66596 Datasheet HTML 110Page - Renesas Technology Corp M66596 Datasheet HTML 111Page - Renesas Technology Corp M66596 Datasheet HTML 112Page - Renesas Technology Corp M66596 Datasheet HTML 113Page - Renesas Technology Corp M66596 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 108 of 127
4.9.2
CPU access timing (when a multiplex bus is set)
4.9.2.1 CPU access write timing (when a multiplex bus is set)
tw (cycle)
47
Note 2-1
AD6-AD1 /
D15-D0
CS_N
WR1_N,
WR0_N
Note 2-2
ALE
tsu (A - ALE)
32
th (A - ALE)
35
tsu (D)
43
th (D)
44
tw (ALE)
36
tdwr (ALE - CTRL)
37
tw (CTRL)
39
trec (ALE)
38
Note 2-4
Address
determinatio
Data determination
Address
determination
4.9.2.2 CPU access read timing (when a multiplex bus is set)
tw (cycle)
47
Note 2-1
32
CS_N
RD_N
Note 2-3
ALE
tsu (A - ALE)
th (A - ALE)
35
tw (ALE)
36
tdwr (ALE - CTRL)
37
ten (CTRL - D)
5
ta (CTRL - D)
3
tv (CTRL - D)
4
tdis (CTRL - D)
6
twr (CTRL)
42
trec (ALE) 38
Note 2-4
Data
determination
Address
determination
Address
determination
AD6-AD1 /
D15-D0
Note 2-1: tw (cycle) and trec (CTRL) are necessary when accessing the FIFO.
Note 2-2: The control signal when writing data is a combination of CS_N, WR1_N, and WR0_N.
Note 2-3: The control signal when reading data is a combination of CS_N and RD_N.
Note 2-4: RD_N, WR0_N and WR1_N should not be timed to fall at the same time that CS_N is rising. Similarly, CS_N
should not be timed to fall at the same timing that RD_N, WR0_N and WR1_N are rising. In the instances noted
above, an interval of at least 10 ns must be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com