Electronic Components Datasheet Search
  English  ▼

X  

M66596 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 115Page - Renesas Technology Corp M66596 Datasheet HTML 116Page - Renesas Technology Corp M66596 Datasheet HTML 117Page - Renesas Technology Corp M66596 Datasheet HTML 118Page - Renesas Technology Corp M66596 Datasheet HTML 119Page - Renesas Technology Corp M66596 Datasheet HTML 120Page - Renesas Technology Corp M66596 Datasheet HTML 121Page - Renesas Technology Corp M66596 Datasheet HTML 122Page - Renesas Technology Corp M66596 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 117 of 127
4.9.4
DMA access timing(cycle steal transfer, when a multiplex bus is set)
4.9.4.1 DMA cycle steal transfer write timing (CPU multiplex bus setting: DFORM=000)
tdis (CTRLH - Dreq)
twh (Dreq)
18
20
ten (CTRL - Dreq) 19
DREQi_N
(i=0,1)
tsu (DEND)
th (DEND)
45
46
DENDi_N
(i=0,1)
DENDi_N determination
AD6-AD1 /
D15-D0
CS_N
WR1_N,
WR0_N
Note 4-1
Address
determination
ALE
tsu (A - ALE)
32
th (A - ALE)
35
tsu (D)
43
th (D) 44
tw (ALE)
36
37
tw (CTRL) 39
trec (ALE)
38
Note 4-3
tdwr (ALE - CTRL)
Address
determination
Data determination
4.9.4.2 DMA cycle steal transfer read timing (CPU multiplex bus setting: DFORM=000)
DREQi_N
(i=0,1)
tdis (CTRL - Dreq)
17
twh (Dreq) 20
ten (CTRL - Dreq)
19
32
A6-A1 /
D15-A0
CS_N
RD_N
Note 4-2
Address
determination
ALE
tsu (A - ALE) th (A - ALE)
35
tw (ALE)
36
tdwr (ALE - CTRL)
37
ten (CTRL - D)
5
ta (CTRL - D)
3
tv (CTRL - D)
4
tdis (CTRL - D) 6
twr (CTRL) 42
trec (ALE) 38
Note 4-3
DENDi _N
(i=0,1)
ta (CTRL - DendV) 11
tv (CTRL - DendV)
12
Data determination
Address
determination
DENDi_N determination
Note 4-4
Note 4-1: The control signal when writing data is a combination of CS_N, WR0_N, and WR1_N.
Note 4-2: The control signal when reading data is a combination of CS_N and RD_N.
Note 4-3: RD_N, WR0_N and WR1_N should not be timed to fall at the same time that CS_N is rising. Similarly, CS_N
should not be timed to fall (or rise) at the same timing that RD_N or WR0_N and WR1_N are rising. In the
instances noted above, an interval of at least 10 ns must be left open.
Note 4-4: When the receipt data is one byte, the DEND determined time is "(24)td(DREQ-DendV)".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com