Electronic Components Datasheet Search
  English  ▼

X  

M66596 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # M66596
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button M66596 Datasheet HTML 122Page - Renesas Technology Corp M66596 Datasheet HTML 123Page - Renesas Technology Corp M66596 Datasheet HTML 124Page - Renesas Technology Corp M66596 Datasheet HTML 125Page - Renesas Technology Corp M66596 Datasheet HTML 126Page - Renesas Technology Corp M66596 Datasheet HTML 127Page - Renesas Technology Corp M66596 Datasheet HTML 128Page - Renesas Technology Corp M66596 Datasheet HTML 129Page - Renesas Technology Corp M66596 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 124 of 127
4.9.5.11 DMA Burst transfer write timing (CPU bus address not used: DFORM=011)
18
tdis (CTRLH - Dreq)
tw (CTRL_B)
48
tsu (D) th (D)
43
44
DREQi_N
(i=0,1)
D15-D0
D0
tsu (Dend) th (Dend)
45
46
DENDi_N
(i=0,1)
trec (CTRL_B)
tw (cycle)
49
47
D1
Dn
D2
DACKi_N
(i=0,1)
17 tdis (CTRL - Dreq)
4.9.5.12 DMA burst transfer read timing (CPU bus address not used: DFORM=011)
17
tdis (CTRL - Dreq)
tw (CTRL_B)
48
ta (CTRL - D)
tv (CTRL - D)
4
3
DREQi_N
(i=0,1)
DACKi_N
(i=0,1)
D15-D0
D0
ta (CTRL - DendV)
tv (CTRL - DendV)
12
DENDi _N
(i=0,1)
trec (CTRL_B)
tw (cycle)
49
47
D1
11
Dn-1
Dn
Note 5-6
Note 5-1: The control signal when writing data is a combination of DACKi_N(i=0, 1), WR0_N and WR1_N.
Note 5-2: The control signal when reading data is a combination of DACKi_N and RD_N.
Note 5-3: The control signal when writing data is a combination of DACK0 and DSTRB0_N.
Note 5-4: The control signal when writing data is a combination of CS_N, WR0_N and WR1_N.
Note 5-5: The control signal when reading data is a combination of CS_N and RD_N.
Note 5-6: When the receipt data is one byte, the data determined time is "(23)td(DREQ-DV)" and the DEND determined
time is "(24)td(DREQ-DendV)".
Note 5-7: RD_N, WR0_N and WR1_N should not be timed to fall at the same time that CS_N is rising. Similarly, CS_N
should not be timed to fall at the same timing that RD_N, WR0_N and WR1_N are rising. In the instances noted
above, an interval must be needed at least 10ns.
Note 5-8:. RD_N, WR0_N and WR1_N should not be timed to fall at the same time that DACKi_N is rising. Similarly,
DACKi_N should not be timed to fall at the same timing that RD_N, WR0_N and WR1_N are rising. In the
instances noted above, an interval must be needed at least 10ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com