Electronic Components Datasheet Search
  English  ▼

X  

AD9992 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9992 Datasheet HTML 31Page - Analog Devices AD9992 Datasheet HTML 32Page - Analog Devices AD9992 Datasheet HTML 33Page - Analog Devices AD9992 Datasheet HTML 34Page - Analog Devices AD9992 Datasheet HTML 35Page - Analog Devices AD9992 Datasheet HTML 36Page - Analog Devices AD9992 Datasheet HTML 37Page - Analog Devices AD9992 Datasheet HTML 38Page - Analog Devices AD9992 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
AD9992
Rev. C | Page 35 of 92
Using the LASTREPLEN_EN
The LASTREPLEN_EN register (Address 0x00, Bits [19:16] in
the sequence registers) is used to enable a separate pattern
length to be used in the final repetition of several pulse
repetitions. It is recommended that the LASTREPLEN_EN
register bits be set high (enabled) and the LASTREPLEN_A,
LASTREPLEN_B, LASTREPLEN_C, and LASTREPLEN_D
registers be set to a value equal to the VLENA, VLENB,
VLENC, and VLEND register values, respectively.
Generating Line Alternation for V-Sequences and HBLK
During low resolution readout, some CCDs require a different
number of vertical clocks on alternate lines. The AD9992 can
support this by using the VREP registers. This allows a different
number of V-pattern group repetitions to be programmed on
odd and even lines. Only the number of repeats can be different
in odd and even lines, while the V-pattern group remains the same.
There are separate controls for the assigned Group A, Group B,
Group C, and Group D patterns. All groups can support odd and
even line alternation. Group A uses the VREPA_1 register and
the VREPA_2 register; Group B, Group C, and Group D use
the corresponding VREP_ODD register and VREP_EVEN
register. With the additional VREPA_3 register and VREPA_4
register, Group A can also support 3-line and 4-line alternation.
As discussed in the Generating HBLK Line Alternation section,
the HBLK signal can be alternated for odd and even lines. Figure
42
shows an example of V-pattern group repetition alternation
and HBLK Mode 0 alternation used together.
XV1
XV2
XV24
HD
HBLK
XVTOGE1
XVTOGE2
XVTOGO1
XVTOGO2
XVTOGE1
XVTOGE2
NOTES
1. THE NUMBER OF REPEATS FOR V-PATTERN GROUPS A/B/C/D CAN BE ALTERNATED ON ODD AND EVEN LINES.
2. GROUP A ALSO SUPPORTS 3- AND 4-LINE ALTERNATION USING THE ADDITIONAL VREPA_3 AND VREPA_4 REGISTERS.
3. THE HBLK TOGGLE POSITIONS CAN BE ALTERNATED BETWEEN ODD AND EVEN LINES TO GENERATE DIFFERENT HBLK PATTERNS.
VREPA_1 = 2
(OR VREPB/C/D_EVEN = 2)
VREPA_2 = 5
(OR VREPB/C/D_ODD = 5)
VREPA_1 = 2
(OR VREPB/C/D_EVEN = 2)
Figure 42. Odd/Even Line Alternation of V-Pattern Group Repetitions and HBLK Toggle Positions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com