Electronic Components Datasheet Search
  English  ▼

X  

AD9992 Datasheet(PDF) 90 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 90 Page - Analog Devices

Back Button AD9992 Datasheet HTML 84Page - Analog Devices AD9992 Datasheet HTML 85Page - Analog Devices AD9992 Datasheet HTML 86Page - Analog Devices AD9992 Datasheet HTML 87Page - Analog Devices AD9992 Datasheet HTML 88Page - Analog Devices AD9992 Datasheet HTML 89Page - Analog Devices AD9992 Datasheet HTML 90Page - Analog Devices AD9992 Datasheet HTML 91Page - Analog Devices AD9992 Datasheet HTML 92Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
AD9992
Rev. C | Page 90 of 92
Address
Data
Bits
Default
Value
Update
Type
Mnemonic
Description
0x1F
[12:0]
X
SCP
HBLKSTARTA
HBLK Repeat Area Start Position A for HBLK Mode 2. Set to 8191 if not used.
[25:13]
X
HBLKSTARTB
HBLK Repeat Area Start Position B for HBLK Mode 2. Set to 8191 if not used.
0x20
[12:0]
X
SCP
HBLKSTARTC
HBLK Repeat Area Start Position C for HBLK Mode 2. Set to 8191 if not used.
[13]
X
VSEQALT_EN
Special V-sequence alternation enable.
[14]
X
VALT_MAP
1: Enables operation of VALTSEL0_EVEN/ODD, VALTSEL1_EVEN/ODD
registers in FREEZE/RESUME registers. Must be enabled if special VALT mode
is used.
[17:15]
X
SPC_PAT_EN
1: Enables use of special vertical pattern insertion into VPATA sequence.
[0]: Use VPATB as the special pattern.
[1]: Use VPATC as the special pattern.
[2]: Use VPATD as the special pattern.
0x21
[2:0]
X
SCP
HBLKALT_PAT1
HBLK Mode 2, Repeat Area 0 pattern for odd lines.
[6:4]
X
HBLKALT_PAT2
HBLK Mode 2, Repeat Area 0 pattern for odd lines.
[10:8]
X
HBLKALT_PAT3
HBLK Mode 2, Repeat Area 0 pattern for odd lines.
[14:12]
X
HBLKALT_PAT4
HBLK Mode 2, Repeat Area 0 pattern for odd lines.
[18:16]
X
HBLKALT_PAT5
HBLK Mode 2, Repeat Area 0 pattern for odd lines.
[22:20]
X
HBLKALT_PAT6
HBLK Mode 2, Repeat Area 0 pattern for odd lines.
0x22
[12:0]
X
SCP
CLPOBTOG1
CLPOB Toggle Position 1.
[25:13]
X
CLPOBTOG2
CLPOB Toggle Position 2.
0x23
[12:0]
X
SCP
PBLKTOG1
PBLK Toggle Position 1.
[25:13]
X
PBLKTOG2
PBLK Toggle Position 2.
0x24
[12:0]
X
SCP
LASTREPLEN_A
Last repetition length for Group A. Set equal to VLENA.
[25:13]
X
LASTREPLEN_B
Last repetition length for Group B. Set equal to VLENB.
0x25
[12:0]
X
SCP
LASTREPLEN_C
Last repetition length for Group C. Set equal to VLENC.
[25:13]
X
LASTREPLEN_D
Last repetition length for Group D. Set equal to VLEND.
0x26
[12:0]
X
SCP
LASTTOG_A
Optional fifth toggle position for Group A.
[25:13]
X
LASTTOG_B
Optional fifth toggle position for Group B.
0x27
[12:0]
X
SCP
LASTTOG_C
Optional fifth toggle position for Group C.
[25:13]
X
LASTTOG_D
Optional fifth toggle position for Group D.
Table 42. Field Registers
Address
Data
Bits
Default
Value
Update
Type
Mnemonic
Description
0x00
[4:0]
X
VD
SEQ0
Selected V-sequence for first region in the field.
[9:5]
X
SEQ1
Selected V-sequence for second region in the field.
[14:10]
X
SEQ2
Selected V-sequence for third region in the field.
[19:15]
X
SEQ3
Selected V-sequence for fourth region in the field.
[24:20]
X
SEQ4
Selected V-sequence for fifth region in the field.
0x01
[4:0]
X
VD
SEQ5
Selected V-sequence for sixth region in the field.
[9:5]
X
SEQ6
Selected V-sequence for seventh region in the field.
[14:10]
X
SEQ7
Selected V-sequence for eighth region in the field.
[19:15]
X
SEQ8
Selected V-sequence for ninth region in the field.
[21:20]
MULT_SWEEP0
Enables multiplier mode and/or sweep mode for Region 0:
0: Multiplier off/sweep off.
1: Multiplier off/sweep on.
2: Multiplier on/sweep off.
3: Multiplier on/sweep on.
[23:22]
MULT_SWEEP1
Enables multiplier mode and/or sweep mode for Region 2.
[25:24]
MULT_SWEEP2
Enables multiplier mode and/or sweep mode for Region 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com