Electronic Components Datasheet Search
  English  ▼

X  

AD9992 Datasheet(PDF) 53 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9992 Datasheet HTML 49Page - Analog Devices AD9992 Datasheet HTML 50Page - Analog Devices AD9992 Datasheet HTML 51Page - Analog Devices AD9992 Datasheet HTML 52Page - Analog Devices AD9992 Datasheet HTML 53Page - Analog Devices AD9992 Datasheet HTML 54Page - Analog Devices AD9992 Datasheet HTML 55Page - Analog Devices AD9992 Datasheet HTML 56Page - Analog Devices AD9992 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
AD9992
Rev. C | Page 53 of 92
Single-Field Toggles
Single-field toggles occur in the next field only. There can be up to
four toggles in the field. The mode is set with GP_PROTOCOL
equal to 1, and then the toggles are triggered in the next field by
writing to the MANUAL_TRIG register (0x70 [13:6]). In this
mode, the field toggle settings must be set to a value of 1. Two
consecutive fields do not have activity. If toggles are required to
repeat in the next field, the MANUAL_TRIG register can be
written to in consecutive fields.
Preparation
The GP toggle positions can be programmed any time prior to
use. For example,
0x7A
0x000A001
0x7B
0x0002000
0x7C
0x000000F
0x7D
0x00C4002
0x7E
0x0004000
0x7F
0x00000B3
Details
A) Field 0:
0x70
0x0000040
0x73
0x0000001
B) Field 1:
0x73
0x0000000
VD
1
REGISTER WRITE
AB
GP1_PROTOCOL 0
1
0
GPO1
NOTES
1. THE FIELD TOGGLE POSITION MUST BE SET TO 1 WHEN
GP PROTOCOL IS 1.
CAUTION! THE GP_PROTOCOL MUST BE RESET BEFORE
USING AGAIN.
Figure 59. Single-Field Toggles Using GP1_PROTOCOL = 1
Scheduled Toggles
Scheduled toggles are programmed to occur during any upcoming
field. For example, there can be one toggle in Field 1, two
toggles in Field 3, and a last toggle in Field 4. The mode is set
with GP_PROTOCOL = 2 or GP_PROTOCOL = 3. Mode 2
tells the GPO to obey the primary field counter, and Mode 3
tells the GPO to obey the secondary field counter.
Preparation
The GP toggle positions can be programmed any time prior to
use. For example,
0x7A
0x00C4002
0x7B
0x0004000
0x7C
0x00000B3
Details
A) Field 0:
0x70
0x0000008
0x73
0x0000003
VD
1
2
REGISTER WRITE
A
GP1_PROTOCOL 0
SECONDARY
COUNT
01
3
20
GPO1
CAUTION! THE PRIMARY COUNTER REGULATES THE SUBCK
AND VSG ACTIVITY. LINK A GPO TO THE PRIMARY COUNTER
ONLY IF IT IS TO HAPPEN DURING EXPOSURE/READ.
(IDLE)
Figure 60. Scheduled Toggles Using GP1_PROTOCOL = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com