Electronic Components Datasheet Search
  English  ▼

X  

AD9992 Datasheet(PDF) 72 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9992 Datasheet HTML 68Page - Analog Devices AD9992 Datasheet HTML 69Page - Analog Devices AD9992 Datasheet HTML 70Page - Analog Devices AD9992 Datasheet HTML 71Page - Analog Devices AD9992 Datasheet HTML 72Page - Analog Devices AD9992 Datasheet HTML 73Page - Analog Devices AD9992 Datasheet HTML 74Page - Analog Devices AD9992 Datasheet HTML 75Page - Analog Devices AD9992 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
AD9992
Rev. C | Page 72 of 92
SERIAL INTERFACE TIMING
The internal registers of the AD9992 are accessed through a
3-wire serial interface. Each register consists of a 12-bit address
and a 28-bit data-word. Both the 12-bit address and 28-bit data-
word are written starting with the LSB. To write to each register,
a 40-bit operation is required, as shown in Figure 83. Although
many registers are fewer than 28 bits wide, all 28 bits must be
written for each register. For example, if the register is only 20 bits
wide, the upper eight bits are don’t cares and must be filled with
0s during the serial write operation. If fewer than 28 data bits are
written, the register is not updated with new data.
Figure 84 shows a more efficient way to write to the registers,
using the AD9992 address autoincrement capability. Using this
method, the lowest desired address is written first, followed by
multiple 28-bit data-words. Each new 28-bit data-word is
automatically written to the next highest register address. By
eliminating the need to write each 12-bit address, faster register
loading is achieved. Continuous write operations can be used
starting with any register location.
A4
A5
A2
A3
SDATA
A0
A1
A6
A8
A9
A10 A11
D0
D1
D2
D3
D25
D26 D27
SL
A7
tLS
tDS
12-BIT ADDRESS
28-BIT DATA
5
40
6
7
8
9
10
11
12
13
14
15
16
38
39
tLH
tDH
SCK
12
34
NOTES
1. SDATA BITS ARE LATCHED ON SCK RISING EDGES. SCK CAN IDLE HIGH OR LOW BETWEEN WRITE OPERATIONS.
2. ALL 40 BITS MUST BE WRITTEN: 12 BITS FOR ADDRESS AND 28 BITS FOR DATA.
3. IF THE REGISTER LENGTH IS <28 BITS, 0s MUST BE USED TO COMPLETE THE 28-BIT DATA LENGTH.
4. NEW DATA VALUES ARE UPDATED IN THE SPECIFIED REGISTER LOCATION AT DIFFERENT TIMES, DEPENDING ON THE
PARTICULAR REGISTER WRITTEN TO. SEE THE UPDATING OF NEW REGISTER VALUES SECTION FOR MORE INFORMATION.
Figure 83. Serial Write Operation
SDATA
A0
A1
A2
A10 A11
D0
D1
D26 D27
SCK
SL
A3
NOTES
1. MULTIPLE SEQUENTIAL REGISTERS CAN BE LOADED CONTINUOUSLY.
2. THE FIRST (LOWEST) REGISTER ADDRESS IS WRITTEN, FOLLOWED BY MULTIPLE 28-BIT DATA-WORDS.
3. THE ADDRESS AUTOMATICALLY INCREMENTS WITH EACH 28-BIT DATA-WORD (ALL 28 BITS MUST BE WRITTEN).
4. SL IS HELD LOW UNTIL THE LAST DESIRED REGISTER HAS BEEN LOADED.
D0
D1
D26
D27
D0
DATA FOR STARTING
REGISTER ADDRESS
DATA FOR NEXT
REGISTER ADDRESS
D2
D1
1
40
23
4
11
12
13
14
39
42
41
68
67
70
69
71
Figure 84. Continuous Serial Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com