Electronic Components Datasheet Search
  English  ▼

X  

AD9992 Datasheet(PDF) 80 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 80 Page - Analog Devices

Back Button AD9992 Datasheet HTML 76Page - Analog Devices AD9992 Datasheet HTML 77Page - Analog Devices AD9992 Datasheet HTML 78Page - Analog Devices AD9992 Datasheet HTML 79Page - Analog Devices AD9992 Datasheet HTML 80Page - Analog Devices AD9992 Datasheet HTML 81Page - Analog Devices AD9992 Datasheet HTML 82Page - Analog Devices AD9992 Datasheet HTML 83Page - Analog Devices AD9992 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
AD9992
Rev. C | Page 80 of 92
Address
Data Bits
Default
Value
Update
Type
Mnemonic
Description
[13:6]
0
MANUAL_TRIG
1: Manual trigger for GP signals, when Protocol 1 is
selected.
Bit 6: GP1 manual trigger.
…
Bit 13: GP8 manual trigger.
0x71
[12:0]
0
VD
PRIMARY_MAX
Primary counter maximum value.
[24:13]
0
SECOND_MAX
Secondary counter maximum value.
[27:25]
0
VDHD_MASK
Mask VD/HD during counter operation.
0x72
[12:0]
0
VD
PRIMARY_DELAY
Number of fields to delay before the next count
(exposure) starts.
ShotTimer with RapidShot, skip delay before first count
(exposure).
[13]
0
PRIMARY_SKIP
Number of fields to delay before the next count starts.
ShotTimer with RapidShot, skip delay before first count.
[26:14]
0
SECOND_DELAY
[27]
0
SECOND_SKIP
0x73
[2:0]
0
VD
GP1_PROTOCOL
Selects protocol for each general-purpose signal.
[5:3]
0
GP2_PROTOCOL
Idle = 0.
[8:6]
0
GP3_PROTOCOL
No counter association = 1.
[11:9]
0
GP4_PROTOCOL
Link to primary = 2.
[14:12]
0
GP5_PROTOCOL
Link to secondary = 3.
[17:15]
0
GP6_PROTOCOL
Link to mode = 4.
[20:18]
0
GP7_PROTOCOL
Primary repeat = 5.
[23:21]
0
GP8_PROTOCOL
Secondary repeat = 6.
Keep on = 7.
0x74
[12:0]
0
VD
SGMASK_NUM
Exposure: number of fields to mask SGs.
[25:13]
0
SUBCKMASK_NUM
Exposure plus readout: number of fields to mask SUBCK.
[26]
1
SUBCKTOG_UPDATE
0: SUBCK toggles (Register 0x77) updated on SG line.
1: SUBCK toggles (Register 0x77) updated on UPDATE line
(VD-updated).
[27]
0
SUBCKMASK_SKIP1
Skip the SUBCK mask for the first exposure field only.
Typically set to 1.
0x75
[0]
0
SG
TEST
Reserved for test purpose. Must be set to 0.
[13:1]
0
SUBCKSTARTLINE
Line location after VSG line to begin SUBCK pulses.
Must not be set to 1.
[26:14]
0
SUBCKNUM
Number of SUBCK pulses per field. Must be set less than
VDLEN.
[27]
0
SG_SUPPRESS
Suppress the SG and allow SUBCK to finish at
SUBCKNUM.
0x76
[12:0]
1FFF
VD
SUBCK_TOG1
SUBCK Toggle Position 1.
[25:13]
1FFF
SUBCK_TOG2
SUBCK Toggle Position 2.
[26]
0
SUBCK_POL
SUBCK start polarity.
0x77
[12:0]
1FFF
VD/SG
SUBCKHP_TOG1
High precision SUBCK Toggle Position 1.
[25:13]
1FFF
SUBCKHP_TOG2
High precision SUBCK Toggle Position 2.
0x78
[0]
0
VD
GP1_POL
GP1 low/high start polarity.
[1]
0
GP2_POL
GP2 low/high start polarity.
[2]
0
GP3_POL
GP3 low/high start polarity.
[3]
0
GP4_POL
GP4 low/high start polarity.
[4]
0
GP5_POL
GP5 low/high start polarity.
[5]
0
GP6_POL
GP6 low/high start polarity.
[6]
0
GP7_POL
GP7 low/high start polarity.
[7]
0
GP8_POL
GP8 low/high start polarity.
[8]
1
SEL_GP1
1: GP1 signal is selected for GPO1 output.
[9]
1
SEL_GP2
1: GP2 signal is selected for GPO2 output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com