Electronic Components Datasheet Search
  English  ▼

X  

AD9992 Datasheet(PDF) 77 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 77 Page - Analog Devices

Back Button AD9992 Datasheet HTML 73Page - Analog Devices AD9992 Datasheet HTML 74Page - Analog Devices AD9992 Datasheet HTML 75Page - Analog Devices AD9992 Datasheet HTML 76Page - Analog Devices AD9992 Datasheet HTML 77Page - Analog Devices AD9992 Datasheet HTML 78Page - Analog Devices AD9992 Datasheet HTML 79Page - Analog Devices AD9992 Datasheet HTML 80Page - Analog Devices AD9992 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
AD9992
Rev. C | Page 77 of 92
Table 32. I/O and Charge Pump Registers
Address
Data
Bits
Default
Value
Update
Type
Mnemonic
Description
0x23
[0]
0
SCK
OSC_NVR
Oscillator normal voltage range. Set to match CLIVDD supply voltage.
0: 1.8 V.
1: 3.3 V.
[1]
0
XV_NVR
XV output normal voltage range. Set to match XVVDD supply voltage.
0: 1.8 V.
1: 3.3 V.
[2]
0
IO_NVR
I/O normal voltage range. Set the match IOVDD supply voltage.
0: 1.8 V.
1: 3.3 V.
[3]
0
DATA_NVR
Data pin normal voltage range. Set to match DRVDD supply voltage.
0: 1.8 V I/O.
1: 3.3 V I/O.
[4]
0
TEST
Test mode only. Set to 0.
[5]
0
TEST
Test mode only. Set to 0.
[6]
0
LDO_32_EN
1: Internal regulator enable for 3.2 V output.
[9:7]
1
HCLKMODE
Selects HCLK output configuration. Should be written to desired value.
001: Mode 1.
010: Mode 2.
100: Mode 3.
All other values are invalid.
0x24
[0]
0
SCK
SEL_VCO
1: Internal CP clock select VCO.
[1]
1
SEL_DIV
1: Internal CP clock select divided-down version of CLI (default).
[2]
0
SEL_CLI
1: Internal CP clock select CLI.
[3]
0
O31V
1: CP output voltage is 3.1 V.
[4]
0
O32V
1: CP output voltage is 3.2 V.
[5]
1
O33V
1: CP output voltage is 3.3 V.
[6]
0
O34V
1: CP output voltage is 3.4 V.
[7]
1
TEST
Test mode only. Use default values only.
[8]
1
TEST
Test mode only. Use default values only.
[9]
1
TEST
Test mode only. Use default values only.
[10]
1
TEST
Test mode only. Use default values only.
[11]
0
TEST
Test mode only. Use default values only.
[12]
0
TEST
Test mode only. Use default values only.
[13]
0
TEST
Test mode only. Use default values only.
[14]
1
CP_PDN
Charge pump power-down.
1: Power-down.
0: CP is running.
0x25
[24:0]
0
SCK
VT_STBY12
[23:0] Standby1 and Standby2 polarity for XV [23:0].
[24] Standby1 and Standby2 polarity for XSUBCK.
Settings also apply when OUTCONTROL = low.
0x26
[24:0]
0
SCK
VT_STBY3
[23:0] Standby3 polarity for XV [23:0].
[24] Standby3 polarity for XSUBCK.
0x27
[7:0]
0
SCK
GP_STDBY12
Standby1 and Standby2 polarity for GPO [7:0].
Settings also apply when OUTCONTROL = low.
[15:8]
GP_STDBY3
Standby3 polarity for GPO [7:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com