Electronic Components Datasheet Search
  English  ▼

X  

AD9992 Datasheet(PDF) 92 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 92 Page - Analog Devices

Back Button AD9992 Datasheet HTML 84Page - Analog Devices AD9992 Datasheet HTML 85Page - Analog Devices AD9992 Datasheet HTML 86Page - Analog Devices AD9992 Datasheet HTML 87Page - Analog Devices AD9992 Datasheet HTML 88Page - Analog Devices AD9992 Datasheet HTML 89Page - Analog Devices AD9992 Datasheet HTML 90Page - Analog Devices AD9992 Datasheet HTML 91Page - Analog Devices AD9992 Datasheet HTML 92Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 92 / 92 page
background image
AD9992
Rev. C | Page 92 of 92
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-225
WITH THE EXCEPTION TO PACKAGE HEIGHT.
A1 BALL
CORNER
TOP VIEW
BALL A1
PAD CORNER
DETAIL A
BOTTOM VIEW
8.10
8.00 SQ
7.90
SEATING
PLANE
BALL DIAMETER
0.25 MIN
0.45
0.40
0.35
COPLANARITY
0.10
0.91 MIN
0.65
BSC
6.50
BSC SQ
DETAIL A
*1.40
1.31
1.16
10
11
8 7 6
3 21
9
5 4
A
B
C
D
E
F
G
J
H
K
L
Figure 88. 105-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
8 mm × 8 mm Body
(BC-105-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9992BBCZ1
–25°C to +85°C
105-Lead CSP_BGA
BC-105-1
AD9992BBCZRL1
–25°C to +85°C
105-Lead CSP_BGA
BC-105-1
1 Z = RoHS Compliant Part.
©2006–2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05891-0-10/07(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com