Electronic Components Datasheet Search
  English  ▼

X  

AD9992 Datasheet(PDF) 71 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 71 Page - Analog Devices

Back Button AD9992 Datasheet HTML 67Page - Analog Devices AD9992 Datasheet HTML 68Page - Analog Devices AD9992 Datasheet HTML 69Page - Analog Devices AD9992 Datasheet HTML 70Page - Analog Devices AD9992 Datasheet HTML 71Page - Analog Devices AD9992 Datasheet HTML 72Page - Analog Devices AD9992 Datasheet HTML 73Page - Analog Devices AD9992 Datasheet HTML 74Page - Analog Devices AD9992 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
AD9992
Rev. C | Page 71 of 92
GPO8
GPO7
GPO6
GPO5
GPO4
GPO3
GPO2
GPO1
RSTB
SYNC
VD
HD
IOVDD
IOVSS
XVVDD
XSUBCK
XV1
XV2
XV3
XV4
XV5
XV6
XV7
XV8
XV9
XV10
XV11
XV12
XV13
XV14
XV15
XV16
H8
H7
HVDD2
HVSS2
H6
H5
H4
H3
HVDD1
HVSS1
H2
H1
LDOIN
LDOOUT
SENSE
LDO1P8EN
LDOVSS
LDO3P2EN
NC
CPCLI
CP1P8
CPVSS
CPFCB
CPFCT
CP3P3
DRVDD
DRVSS
8
24
3
AD9992BBCZ
NOT DRAWN TO SCALE
12
DATA OUTPUTS
SERIAL INTERFACE
(FROM ASIC/DSP)
GENERAL-PURPOSE
OUTPUTS
EXTERNAL RESET IN
EXTERNAL SYNC IN
VERTICAL SYNC IN/OUT
HORIZONTAL SYNC IN/OUT
+1.8V DIGITAL I/O
XV SUPPLY
0.1µF
XSUBCK OUTPUT
(TO V-DRIVER)
VERTICAL OUTPUTS
(TOV-DRIVER)
+1.8V SUPPLY
0.1µF
0.1µF
DCLK OUTPUT
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
MASTER CLOCK INPUT
(1.8V LOGIC)
ANALOG OUTPUT FROM CCD
+1.8V SUPPLY
+1.8V SUPPLY
+3V CP OUTPUT
RG TO CCD
HL TO CCD
+1.8V DIGITAL SUPPLY
3.3µF
+3V CP OUTPUT
+1.8V CP INPUT
H1, H2 TO CCD
H7, H8 TO CCD
+3V CP OUTPUT
H5, H6 TO CCD
H3, H4 TO CCD
+3V CP OUTPUT
A10
B10
A11
B11
C9
D9
C10
D10
C11
D11
E9
F9
E10
E11
F11
F10
G9
G11
G10
H9
H11
H10
J11
J10
K11
L11
K10
A1
B2
C2
B1
B4
C1
D2
C3
E7
D3
E2
D1
E6
E5
E3
E1
F2
F3
F7
G3
F5
F6
G2
F1
G1
G5
H2
H1
G6
G7
J2
J1
Figure 81. Typical 1.8 V Circuit Configuration Using Charge Pump for HVDD and RGVDD
~7MΩ
CLI
CLO
K7
K6
AD9992
375Ω
USER DEFINED
24MHz TO 40MHz
XTAL
5pF ~ 20pF
5pF ~ 20pF
Figure 82. Crystal Application Using CLI/CLO (Consult Crystal Data Sheet for Component Values)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com