Electronic Components Datasheet Search
  English  ▼

X  

AD9992 Datasheet(PDF) 42 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9992 Datasheet HTML 38Page - Analog Devices AD9992 Datasheet HTML 39Page - Analog Devices AD9992 Datasheet HTML 40Page - Analog Devices AD9992 Datasheet HTML 41Page - Analog Devices AD9992 Datasheet HTML 42Page - Analog Devices AD9992 Datasheet HTML 43Page - Analog Devices AD9992 Datasheet HTML 44Page - Analog Devices AD9992 Datasheet HTML 45Page - Analog Devices AD9992 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
AD9992
Rev. C | Page 42 of 92
Vertical Sensor Gate (Shift Gate) Patterns
In an interline CCD, the vertical sensor gate (VSG) pulses are
used to transfer the pixel charges from the light-sensitive image
area into light-shielded vertical registers. From the light-
shielded vertical registers, the image is clocked out line-by-line
using the vertical transfer pulses (XV signals) in conjunction
with the high speed horizontal clocks. The AD9992 has 24
vertical signals, and each signal can be assigned as a VSG pulse
instead of an XV pulse.
Table 19 summarizes the VSG control registers, which are mostly
located in the field registers space (see Table 17). The VSGSELECT
register (Address 0x1C in the fixed address space) determines
which vertical outputs are assigned as VSG pulses. When a signal
is selected to be a VSG pulse, only the starting polarity and two of
the V-pattern toggle positions are used. The VSGPATSEL register
in the sequence registers is used to assign either XVTOG1 and
XVTOG2 or XVTOG3 and XVTOG4 to the VSG signal.
Note that only two of the four V-pattern toggle positions are
available when a vertical signal is selected to be a VSG pulse.
The SGACTLINE1 and SGACTLINE2 registers are used to
select which line in the field is the VSG line. The VSG active
line location is used to reference when the substrate clocking
(SUBCK) signal begins to operate in each field. For more
information, see the Substrate Clock Operation (SUBCK)
section.
Also located in the field registers, the SGMASK register selects
which individual VSG pulses are active in a given field. Therefore,
all SG patterns to be preprogrammed into the V-pattern registers
and the appropriate pulses for the different fields can be enabled
separately.
Table 19. VSG Control Registers (Also see Field Registers in Table 17)
Register
Length
Range
Description
24b
High/low
Selection of VSG signals from XV signals. Set to 1 to make signal a VSG.
[0]: XV1 selection (0 = XV pulse; 1 = VSG pulse).
VSGSELECT
(Located in Fixed
Address Space, 0x1C)
[1]: XV2 selection.
…
[23]: XV24 selection.
VSGPATSEL
24b
High/low
When VSG signal is selected using the VSGSELECT register, VSGPATSEL
selects which V-pattern toggle positions are used. When set to 0, Toggle 1
and Toggle 2 are used. When set to 1, Toggle 3 and Toggle 4 are used.
[0]: XV1 selection (0 = use XVTOG1, XVTOG2; 1 = use XVTOG3, XVTOG4).
[1]: XV2 selection.
…
[23]: XV24 selection.
SGMASK
24b
High/low, each VSG
Set high to mask each individual VSG output.
[0]: XV1 mask.
…
[23]: XV24 mask.
SGACTLINE1
13b
0 to 8191 line number
Selects the line in the field where the VSG signals are active.
SGACTLINE2
13b
0 to 8191 line number
Selects a second line in the field to repeat the VSG signals. If not used,
set this equal to SGACTLINE1 or to the maximum value.
VD
HD
VSG PATTERN
4
12
3
PROGRAMMABLE SETTINGS FOR EACH PATTERN:
1START POLARITY OF PULSE (FROM VPOL IN SEQUENCE REGISTERS).
2FIRST TOGGLE POSITION (FROM V-PATTERN REGISTERS).
3SECOND TOGGLE POSITION (FROM V-PATTERN REGISTERS).
4ACTIVE LINE FOR VSG PULSES WITHIN THE FIELD (FROM FIELD REGISTERS).
Figure 51. Vertical Sensor Gate Pulse Placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com