Electronic Components Datasheet Search
  English  ▼

X  

AD9992 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9992 Datasheet HTML 34Page - Analog Devices AD9992 Datasheet HTML 35Page - Analog Devices AD9992 Datasheet HTML 36Page - Analog Devices AD9992 Datasheet HTML 37Page - Analog Devices AD9992 Datasheet HTML 38Page - Analog Devices AD9992 Datasheet HTML 39Page - Analog Devices AD9992 Datasheet HTML 40Page - Analog Devices AD9992 Datasheet HTML 41Page - Analog Devices AD9992 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
AD9992
Rev. C | Page 38 of 92
Special Pattern Insertion
Additional flexibility is available using the SPC_PAT_EN registers,
which allows a Group B, Group C, or Group D pattern to be
inserted into a series of Group A repetitions. This feature is
useful when a different pattern is needed at the start, end, or
middle of a sequence.
Figure 46 shows an example of a sweep region using VPATA
with multiple repetitions where a single repetition of VPATB has
been added into the middle of the sequence. Figure 47 shows more
detail on how to set the registers to achieve the desired timing.
Note that VREPB is used to specify which repetition number
has the special pattern inserted instead of VPATA. VPATB
always has priority over VPATC or VPATD if more than one
SPC_PAT_EN bit is enabled (SPC_PAT_EN [0] has priority).
VD
XV1 TO XV24
HD
REGION 1: SWEEP REGION
LINE 0
LINE 1
REGION 0
REGION 2
LINE 24
LINE 25
LINE 2
SCP1
SCP2
PATTERN B INSERTED DURING PATTERN A REPETITIONS
Figure 46. Example of Special Pattern Insertion
XV1
HD
V-PATTERN A
V-PATTERN B
V-PATTERN A
REP 1
REP 2
REP N
REP 5
REP 4
REP 3
REGISTER SETTINGS:
DESCRIPTION:
SPC_PAT_EN[0] = 1
V-PATTERN B IS USED AS SPECIAL PATTERN
VREPA = N
TOTAL NUMBER OF REPS USED FOR SEQUENCE (N REPS)
VREPB = 4
REP 4 USES V-PATTERN B INSTEAD OF V-PATTERN A
NOTES
1. VSTARTB MUST BE SET EQUAL TO VSTARTA.
Figure 47. Example of Special Pattern Insertion, Detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com