| Electronic Components Datasheet Search |
|
AD9992 Datasheet(PDF) 88 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9992 Datasheet(HTML) 88 Page - Analog Devices |
|
88 / 92 page ![]() AD9992 Rev. C | Page 88 of 92 Table 41. V-Sequence (VSEQ) Registers Address Data Bits Default Value Update Type Mnemonic Description 0x00 [0] X SCP CLPOBPOL CLPOB start polarity. [1] X PBLKPOL PBLK start polarity. [5:2] X HOLD 1: Enable HOLD function for each VPAT group (A, B, C, D). [9:6] X VMASK_EN 1: Enable FREEZE/RESUME for each VPAT group (A, B, C, D). [13:10] X CONCAT_GRP Combine multiple VPAT groups together in one sequence. Set register equal to 0x01 to enable. [15:14] X VREP_MODE Defines V-alternation repetition mode. 00: Single pattern alternation for all groups. 01: Two pattern alternation for all groups. 10: Three-pattern alternation for Group A. Groups B, C, and D follow pattern {0, 1, 1, 0, 1, 1…}. 11: Four-pattern alternation for Group A. Two-pattern alternation for Groups B, C, and D. [19:16] X LASTREPLEN_EN Enable use of last repetition counter for last repetition length of each group. [23:20] X LASTTOG_EN Enable the fifth toggle position for all V-signals in each group. [25:24] X HBLK_MODE Selection of HBLK modes: 00: HBLK Mode 0 (normal six-toggle operation). 01: HBLK Mode 1. 10: HBLK Mode 2. (Address 0x19 to Address 0x1E operate differently.) 11: Test only, do not access. 0x01 [12:0] X SCP HDLENE HD line length for even lines. [25:13] X HDLENO HD line length for odd lines. 0x02 [23:0] X SCP VSGPATSEL Selects which two toggle positions are used by each V-output when they are configured as VSG pulses (Miscellaneous Register Address 0x1C, fixed register area): 0: Use Toggle 1, Toggle 2. 1: Use Toggle 3, Toggle 4. [24] HDLENE_13 HD length Bit 13 for even lines when 14-bit H-counter is enabled. [25] HDLENO_13 HD length Bit 13 for odd lines when 14-bit H-counter is enabled. 0x03 [23:0] X SCP VPOL_A Starting polarities for each V-output signal (Group A). 0x04 [23:0] X SCP VPOL_B Starting polarities for each V-output signal (Group B). 0x05 [23:0] X SCP VPOL_C Starting polarities for each V-output signal (Group C). 0x06 [23:0] X SCP VPOL_D Starting polarities for each V-output signal (Group D). 0x07 [23:0] X SCP GROUPSEL_0 Select which group each XV1 to XV12 signal is assigned to: 00: Group A. 01: Group B. 10: Group C. 11: Group D. [1:0]: XV1. [3:2]: XV2. … [23:22]: XV12. 0x08 [23:0] X SCP GROUPSEL_1 Select which group each XV13 to XV24 signal is assigned to: 00: Group A. 01: Group B. 10: Group C. 11: Group D. [1:0]: XV13. [3:2]: XV14. … [23:22]: XV24. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |