Electronic Components Datasheet Search
  English  ▼

X  

AD9992 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9992 Datasheet HTML 32Page - Analog Devices AD9992 Datasheet HTML 33Page - Analog Devices AD9992 Datasheet HTML 34Page - Analog Devices AD9992 Datasheet HTML 35Page - Analog Devices AD9992 Datasheet HTML 36Page - Analog Devices AD9992 Datasheet HTML 37Page - Analog Devices AD9992 Datasheet HTML 38Page - Analog Devices AD9992 Datasheet HTML 39Page - Analog Devices AD9992 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
AD9992
Rev. C | Page 36 of 92
Vertical Masking Using FREEZE/RESUME Registers
As shown in Figure 43 and Figure 44, the FREEZE/RESUME
registers are used to temporarily mask the V-outputs. The pixel
locations to begin the masking (FREEZE) and end the masking
(RESUME) create an area in which the vertical toggle positions
are ignored. At the pixel location specified in the FREEZE register,
the V-outputs are held static at their current dc state, high or low.
The V-outputs are held until the pixel location that is specified
by the RESUME register is reached, at which point the signals
continue with any remaining toggle positions, if any exist.
Four sets of FREEZE/RESUME registers are provided, allowing the
vertical outputs to be interrupted up to four times in the same line.
The FREEZE and RESUME Position 1 to Position 4 are enabled
independently and applied to all groups (Group A, Group B, Group
C, and Group D) using the VMASK_EN register.
Note that when masking is enabled, Group A, Group B, Group C,
and Group D use the same FREEZE/RESUME positions.
Note that the FREEZE/RESUME registers are also used as the
VALTSEL0 and VALTSEL1 registers during special vertical
alternation mode.
XV1
XV24
HD
NO MASKING AREA
Figure 43. No FREEZE/RESUME
XV1
XV24
HD
V-MASKING AREA
FREEZE
RESUME
NOTES
1. ALL TOGGLE POSITIONS WITHIN THE FREEZE/RESUME MASKING AREA ARE IGNORED. H-COUNTER CONTINUES TO COUNT DURING MASKING.
2. FOUR SEPARATE MASKING AREAS ARE AVAILABLE, USING FREEZE1/RESUME1, FREEZE2/RESUME2, FREEZE3/RESUME3, AND
FREEZE4/RESUME4 REGISTERS.
Figure 44. Using FREEZE/RESUME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com