Electronic Components Datasheet Search
  English  ▼

X  

AD9992 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9992 Datasheet HTML 22Page - Analog Devices AD9992 Datasheet HTML 23Page - Analog Devices AD9992 Datasheet HTML 24Page - Analog Devices AD9992 Datasheet HTML 25Page - Analog Devices AD9992 Datasheet HTML 26Page - Analog Devices AD9992 Datasheet HTML 27Page - Analog Devices AD9992 Datasheet HTML 28Page - Analog Devices AD9992 Datasheet HTML 29Page - Analog Devices AD9992 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
AD9992
Rev. C | Page 26 of 92
VERTICAL SHIFT
VERT. SHIFT
CCD OUTPUT
SHP
SHD
H1/H3/H5/H7
H2/H4/H6/H8
HBLK
PBLK
CLPOB
OPTICAL BLACK
DUMMY
EFFECTIVE PIXELS
OPTICAL BLACK
OPTICAL BLACK
HD
NOTES
1. PBLK ACTIVE (LOW) SHOULD NOT BE USED DURING CLPOB ACTIVE (LOW).
Figure 32. Horizontal Sequence Example
VERTICAL TIMING GENERATION
The AD9992 provides a flexible solution for generating vertical
CCD timing and can support multiple CCDs and different
system architectures. The vertical transfer clocks are used to shift
each line of pixels into the horizontal output register of the CCD.
The AD9992 allows these outputs to be individually programmed
into various readout configurations by using a 4-step process.
Figure 33 shows an overview of how the vertical timing is
generated in four steps.
1.
The individual pulse patterns for XV1 to XV24 are created
by using the vertical pattern group registers.
2.
The V-pattern groups are used to build the sequences,
which is when additional information is added.
3.
The readout for an entire field is constructed by dividing
the field into different regions and then assigning a
sequence to each region.
Each field can contain up to nine different regions to
accommodate different steps of the readout, such as high
speed line shifts and unique vertical line transfers. The
total number of V-patterns, V-sequences, and fields is
programmable but limited by the number of registers.
4.
The MODE registers allow the different fields to be
combined in any order for various readout configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com