Electronic Components Datasheet Search
  English  ▼

X  

AD9992 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9992 Datasheet HTML 24Page - Analog Devices AD9992 Datasheet HTML 25Page - Analog Devices AD9992 Datasheet HTML 26Page - Analog Devices AD9992 Datasheet HTML 27Page - Analog Devices AD9992 Datasheet HTML 28Page - Analog Devices AD9992 Datasheet HTML 29Page - Analog Devices AD9992 Datasheet HTML 30Page - Analog Devices AD9992 Datasheet HTML 31Page - Analog Devices AD9992 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
AD9992
Rev. C | Page 28 of 92
Vertical Pattern Groups (VPAT)
The vertical pattern groups define the individual pulse patterns for
each XV1 to XV24 output signal. Table 13 summarizes the registers
available for generating each of the V-pattern groups. The first,
second, third, and fourth toggle positions (XVTOG1, XVTOG2,
XVTOG3, and XVTOG4) are the pixel locations within the line
where the pulse transitions. All toggle positions are 13-bit values,
allowing their placement anywhere in the horizontal line.
More registers are included in the vertical sequence registers to
specify the output pulses. VPOL specifies the start polarity for
each signal; VSTART specifies the start position of the V-pattern
group within the line; VLEN designates the total length of
the V-pattern group, which determines the number of pixels
between each of the pattern repetitions when repetitions are used.
The VSTART position is actually an offset value for each toggle
position. The actual pixel location for each toggle, measured
from the HD falling edge (Pixel 0), is equal to the VSTART value
plus the toggle position.
When the selected V-output is designated as a VSG pulse, either
the XVTOG1/XVTOG2 or XVTOG3/XVTOG4 pair is selected
using V-Sequence Address 0x02, VSGPATSEL. All four toggle
positions are not simultaneously available for VSG pulses.
Unused V-channels must have their toggle positions programmed
to either 0 or maximum value. This prevents unpredictable
behavior because the default values of the V-pattern group registers
are unknown.
Table 13. Vertical Pattern Group Registers
Register
Length
Description
XVTOG1
13b
First toggle position within line for each XV1 to XV24 output, relative to VSTART value.
XVTOG2
13b
Second toggle position, relative to VSTART value
XVTOG3
13b
Third toggle position, relative to VSTART value
XVTOG4
13b
Fourth toggle position, relative to VSTART value
4
1
2
3
1
23
1
2
3
START POSITION OF VERTICAL PATTERN GROUP IS PROGRAMMABLE IN VERTICAL SEQUENCE REGISTERS.
PROGRAMMABLE SETTINGS:
1START POLARITY (LOCATED IN V-SEQUENCE REGISTERS).
2FIRST TOGGLE POSITION.
3SECOND TOGGLE POSITION (THIRD AND FOURTH TOGGLE POSITIONS ALSO AVAILABLE FOR MORE COMPLEX PATTERNS).
4TOTAL PATTERN LENGTH FOR ALL VERTICAL OUTPUTS (LOCATED IN VERTICAL SEQUENCE REGISTERS).
XV1
HD
XV2
XV24
Figure 34. Vertical Pattern Group Programmability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com