Electronic Components Datasheet Search
  English  ▼

X  

AD9992 Datasheet(PDF) 81 Page - Analog Devices

Part # AD9992
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992 Datasheet(HTML) 81 Page - Analog Devices

Back Button AD9992 Datasheet HTML 77Page - Analog Devices AD9992 Datasheet HTML 78Page - Analog Devices AD9992 Datasheet HTML 79Page - Analog Devices AD9992 Datasheet HTML 80Page - Analog Devices AD9992 Datasheet HTML 81Page - Analog Devices AD9992 Datasheet HTML 82Page - Analog Devices AD9992 Datasheet HTML 83Page - Analog Devices AD9992 Datasheet HTML 84Page - Analog Devices AD9992 Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
AD9992
Rev. C | Page 81 of 92
Address
Data Bits
Default
Value
Update
Type
Mnemonic
Description
[10]
1
SEL_GP3
1: GP3 signal is selected for GPO3 output.
[11]
1
SEL_GP4
1: GP4 signal is selected for GPO4 output.
0: SUBCK is selected.
[12]
1
SEL_GP5
1: GP5 signal is selected for GPO5 output.
0: XV21 is selected.
[13]
1
SEL_GP6
1: GP6 signal is selected for GPO6 output.
0: XV22 is selected.
[14]
1
SEL_GP7
1: GP7 signal is selected for GPO7 output.
0: XV23 is selected.
[15]
1
SEL_GP8
1: GP8 signal is selected for GPO8 output.
0: XV24 is selected.
[23:16]
0
GPO_OUTPUT_EN
1: GPO outputs enabled.
0: GPO is input high-Z state (default).
[24]
0
GPO5_OVERRIDE
1: When GPO5 configured as input, overrides internal
OUT_CONT.
[25]
0
GPO6_OVERRIDE
1: When GPO6 configured as input, overrides internal
HBLK.
[26]
0
GPO7_OVERRIDE
1: When GPO7 configured as input, overrides internal
CLPOB.
[27]
0
GPO8_OVERRIDE
1: When GPO8 configured as input, overrides internal
PBLK.
0x79
[7:0]
0
VD
GP*_USE_LUT
Use result from LUT, or else GP* is unaltered.
[11:8]
{0, 0, 0, 0}
LUT_FOR_GP12
Two-input look-up table results.
[15:12]
{0, 0, 0, 0}
LUT_FOR_GP34
Examples: {LUT_FOR_GP12}
[GP2:GP1].
[19:16]
{0, 0, 0, 0}
LUT_FOR_GP56
{0, 1, 1, 0} = GP2 XOR GP1; {1, 1, 1, 0} = GP2 OR GP1.
[23:20]
{0, 0, 0, 0}
LUT_FOR_GP78
{0, 1, 1, 1} = GP2 NAND GP1; {1, 0, 0, 0} = GP2 AND GP1.
0x7A
[12:0]
0
VD
GP1_TOG1_FD
General-Purpose Signal 1, first toggle position, field
location.
[25:13]
0
GP1_TOG1_LN
General-Purpose Signal 1, first toggle position, line
location.
0x7B
[12:0]
0
VD
GP1_TOG1_PX
General-Purpose Signal 1, first toggle position, pixel
location.
[25:13]
0
GP1_TOG2_FD
General-Purpose Signal 1, second toggle position, field
location.
0x7C
[12:0]
0
VD
GP1_TOG2_LN
General-Purpose Signal 1, second toggle position, line
location.
[25:13]
0
GP1_TOG2_PX
General-Purpose Signal 1, second toggle position, pixel
location.
0x7D
[12:0]
0
VD
GP1_TOG3_FD
General-Purpose Signal 1, third toggle position, field
location.
[25:13]
0
GP1_TOG3_LN
General-Purpose Signal 1, third toggle position, line
location.
0x7E
[12:0]
0
VD
GP1_TOG3_PX
General-Purpose Signal 1, third toggle position, pixel
location.
[25:13]
0
GP1_TOG4_FD
General-Purpose Signal 1, fourth toggle position, field
location.
0x7F
[12:0]
0
VD
GP1_TOG4_LN
General-Purpose Signal 1, fourth toggle position, line
location.
[25:13]
0
GP1_TOG4_PX
General-Purpose Signal 1, fourth toggle position, pixel
location.
0x80
[12:0]
0
VD
GP2_TOG1_FD
General-Purpose Signal 2, first toggle position, field
location.
[25:13]
0
GP2_TOG1_LN
General-Purpose Signal 2, first toggle position, line
location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com