| Electronic Components Datasheet Search |
|
AD9992 Datasheet(PDF) 91 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9992 Datasheet(HTML) 91 Page - Analog Devices |
|
91 / 92 page ![]() AD9992 Rev. C | Page 91 of 92 Address Data Bits Default Value Update Type Mnemonic Description 0x02 [12:0] X VD HDLASTLEN HD last line length. Line length of last line in the field. [14:13] X MULT_SWEEP3 Enables multiplier mode and/or sweep mode for Region 3. [16:15] X MULT_SWEEP4 Enables multiplier mode and/or sweep mode for Region 4. [18:17] X MULT_SWEEP5 Enables multiplier mode and/or sweep mode for Region 5. [20:19] X MULT_SWEEP6 Enables multiplier mode and/or sweep mode for Region 6. [22:21] X MULT_SWEEP7 Enables multiplier mode and/or sweep mode for Region 7. [24:23] X MULT_SWEEP8 Enables multiplier mode and/or sweep mode for Region 8. [25] HDLASTLEN_13 HD last line length Bit 13 when 14-bit H-counter is enabled. 0x03 [12:0] X VD SCP0 V-Sequence Change Position 0. [25:13] X SCP1 V-Sequence Change Position 1. 0x04 [12:0] X VD SCP2 V-Sequence Change Position 2. [25:13] X SCP3 V-Sequence Change Position 3. 0x05 [12:0] X VD SCP4 V-Sequence Change Position 4. [25:13] X SCP5 V-Sequence Change Position 5. 0x06 [12:0] X VD SCP6 V-Sequence Change Position 6. [25:13] X SCP7 V-Sequence Change Position 7. 0x07 [12:0] X VD SCP8 V-Sequence Change Position 8. [25:13] VDLEN VD field length (number of lines in the field). 0x08 [12:0] X VD SGACTLINE1 SG Active Line 1. [25:13] X SGACTLINE2 SG Active Line 2 (set to SG Active Line 1 or maximum if not used). 0x09 [23:0] X VD SGMASK Masking of VSG outputs during SG active line. 0x0A [12:0] X VD CLPMASKSTART1 CLPOB Mask Region 1 start position. Set to 8191 to disable. [25:13] X CLPMASKEND1 CLPOB Mask Region 1 end position. Set to 0 to disable. 0x0B [12:0] X VD CLPMASKSTART2 CLPOB Mask Region 2 start position. Set to 8191 to disable. [25:13] X CLPMASKEND2 CLPOB Mask Region 2 end position. Set to 0 to disable. 0x0C [12:0] X VD CLPMASKSTART3 CLPOB Mask Region 3 start position. Set to 8191 to disable. [25:13] X CLPMASKEND3 CLPOB Mask Region 3 end position. Set to 0 to disable. 0x0D [12:0] X VD PBLKMASKSTART1 PBLK Mask Region 1 start position. Set to 8191 to disable. [25:13] X PBLKMASKEND1 PBLK Mask Region 1 end position. Set to 0 to disable. 0x0E [12:0] X VD PBLKMASKSTART2 PBLK Mask Region 2 start position. Set to 8191 to disable. [25:13] X PBLKMASKEND2 PBLK Mask Region 2 end position. Set to 0 to disable. 0x0F [12:0] X VD PBLKMASKSTART3 PBLK Mask Region 3 start position. Set to 8191 to disable. [25:13] X PBLKMASKEND3 PBLK Mask Region 3 end position. Set to 0 to disable. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |