Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 359 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 359 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 355Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 356Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 357Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 358Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 359Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 360Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 361Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 362Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 363Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 590 page
background image
Chapter 10 PCI Controller
10-97
10.5 PCI Configuration Space Register
The PCI Configuration Space Register is accessed using PCI Configuration cycles by way of an external
PCI host device only when in the Satellite mode. Table 10.5.1 lists registers contained within the PCI
Configuration Space Register. The registers in the table with a shaded background are those whose values
can be rewritten by software. (See 10.3.13.)
Registers at addresses 0x00 through 0x41 can use the corresponding PCI Controller Control Register to
access from the TX49/H2 core when in the Host mode. Please refer to the explanation of the corresponding
PCI Controller Control registers for more information about these registers. This section only describes the
registers that are accessed from the PCI Configuration Space.
Also, it is possible to read some of the fields in the Status Register and PMCSR register from the Satellite
Mode PCI Status Register.
Please refer to the PCI Bus Specifications for more information on the PCI Configuration Register.
Table 10.5.1 PCI Configuration Space Register
Address
31
16
15
0
Corresponding
Register
00h
Device ID
Vendor ID
PCIID
04h
Status
Command
PCISTATUS
08h
Class Code
Revision ID
PCICCREV
0Ch
BIST
Header Type
Latency Timer
Cache Line Size
PCICFG1
10h
Memory Space 0 Base Address
P2GM0PBASE
14h
Memory Space 1 Base Address
P2GM1PBASE
18h
Memory Space 2 Base Address
P2GM2PBASE
1Ch
I/O Space Base Address
P2GIOPBASE
20h
Reserved
24h
Reserved
28h
Reserved
2Ch
Subsystem ID
Subsystem Vendor ID
PCISID
30h
Reserved
34h
Reserved
Capabilities
Pointer (Cap_Ptr)
PCICAPPTR
38h
Reserved
3Ch
Max_Lat
Min_Gnt
Interrupt Pin
Interrupt Line
PCICFG2
40h
Reserved
Retry Timeout
Value
TRDY Timeout
Value
G2PTOCNT
44h-DBh
Reserved
DCh
Power Management Capabilities (PMC)
Next Item Ptr
(Next_Item_Ptr)
Capability ID
(Cap_ID)
E0h
Reserved
Reserved
Power Management Control/Status
Register (PMCSR)
E4h-FFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com