Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 445 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 445 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 441Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 442Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 443Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 444Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 445Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 446Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 447Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 448Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 449Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 590 page
background image
Chapter 14 AC-link Controller
14-35
14.4.15 ACLC DMA Channel Selection Register (ACDMASEL)
0xF784
This register is used to select and check the channel allocation for AC-link slot data DMA.
31
16
Reserved
: Type
: Initial value
15
21
0
Reserved
ACDMASEL
R/W
: Type
0
: Initial value
Bits
Mnemonic
Field Name
Description
31:2
Reserved
—
DMA Channel Selection (Initial value: 0, R/W)
1:0
ACDMASEL
DMA Channel
Selection
W
ACDMASEL: DMA Channel Selection
0: PCM L&R out, Audio in, and Modem out&in.
1: PCM L&R out, Surround L&R out, and Modem out&in.
2: PCM L&R out, Surround L&R out, Center out, and LFE out.
3: PCM L&R out, Surround L&R out, Center out, and Audio in.
Figure 14.4.12 ACDMASEL Register
This register selects DMA channel mapping mode. The software is recommended to make sure no
DMA request is pending before changing this register value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com