Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 441 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 441 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 437Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 438Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 439Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 440Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 441Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 442Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 443Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 444Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 445Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 590 page
background image
Chapter 14 AC-link Controller
14-31
14.4.12 ACLC Slot Disable Register (ACSLTDIS)
0xF74C
This register disables independently the AC-link slot data streams.
31
16
Reserved
: Type
: Initial value
15
10
9
8
7
6543
21
0
Reserved
GPISLT GPOSLT
MODI
SLT
MODO
SLT
Reserved
AUDI
SLT
LFESLT
CENT
SLT
SURR
SLT
AUDO
SLT
W1C
W1C
W1C
W1C
W1C
W1C
W1C
W1C
W1C : Type

: Initial value
Bits
Mnemonic
Field Name
Description
31:10
Reserved
—
Disable GPI slot reception. (Initial value: –, W1C)
9
GPISLT
Disable GPI slot
reception
W1C
0: No effect
1: Disables GPI slot reception.
Disable GPO Slot transmission. (Initial value: –, W1C)
8
GPOSLT
Disable GPO
Slot
transmission
W1C
0: No effect
1: Disables GPO slot transmission.
Disable Modem slot reception. (Initial value: –, W1C)
7MODISLT
Disable Modem
slot reception
W1C
0: No effect
1: Disables modem slot reception.
Disable Modem slot transmission. (Initial value: –, W1C)
6
MODOSLT
Disable Modem
slot
transmission
W1C
0: No effect
1: Disables modem slot transmission.
5
Reserved
—
Disable Audio slot reception. (Initial value: –, W1C)
4AUDISLT
Disable Audio
slot reception
W1C
0: No effect
1: Disables audio slot reception.
Disable Audio LFE slot transmission. (Initial value: –, W1C)
3LFESLT
Disable Audio
LFE slot
transmission
W1C
0: No effect
1: Disables audio LFE slot transmission.
Disable Audio Center slot transmission. (Initial value: –, W1C)
2CENTSLT
Disable Audio
Center slot
transmission
W1C
0: No effect
1: Disables audio Center slot transmission.
Disable Audio Surround L&R slot transmission. (Initial value: –, W1C)
1
SURRSLT
Disable Audio
Surround L&R
slot
transmission
W1C
0: No effect
1: Disables audio Surround L&R slot transmission.
Disable Audio PCM L&R slot transmission. (Initial value: –, W1C)
0AUDOSLT
Disable Audio
PCM L&R slot
transmission
W1C
0: No effect
1: Disables audio PCM L&R slot transmission.
Figure 14.4.9 ACSLTDIS Register
Writing a value into this register needs several BITCLK cycles to take effect. The software must
guarantee that no write access be executed until the previous write access takes effect (completes), by
reading the ACSLTEN.WRPEND bit prior to writing this register. If it is set for a long time, the
BITCLK signal on the AC-link is probably inactive for whatever reason.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com