Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 437 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 437 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 433Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 434Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 435Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 436Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 437Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 438Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 439Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 440Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 441Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 590 page
background image
Chapter 14 AC-link Controller
14-27
14.4.9
ACLC GPI Data Register (ACGPIDAT)
0xF740
This register shows GPIO (slot 12) input data.
31
20
19
16
Reserved
GPIDAT
R: Type
0x00000
: Initial value
15
10
GPIDAT
GPIO
INT
RR
: Type
0x00000
0
: Initial value
Bits
Mnemonic
Field Name
Description
31:20
Reserved
GPIO-In data (Initial value: 0x0_0000, R)
19:1
GPIDAT
GPIO-In data
R
Read data. The incoming slot 12 bits[19:1] are shadowed here.
GPIO Interrupt Indication (Initial value: 0, R)
0
GPIOINT
GPIO Interrupt
Indication
R
GPIO Interrupt. The incoming slot 12 bit[0] is shadowed here.
Figure 14.4.6 ACGPIDAT Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com