Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 436 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 436 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 432Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 433Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 434Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 435Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 436Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 437Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 438Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 439Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 440Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 590 page
background image
Chapter 14 AC-link Controller
14-26
14.4.8
ACLC Semaphore Register (ACSEMAPH)
0xF720
This register is used for mutual exclusion control for resource.
31
16
SEMAPH
RS/WC
: Type
0x0000
: Initial value
15
0
SEMAPH
RS/WC
: Type
0x0000
: Initial value
Bits
Mnemonic
Field Name
Description
Semaphore flag. (Initial value: 0x0000_0000, RS/WC)
31:0
SEMAPH
Semaphore flag
RS
WC
0: Indicates that the semaphore is unlocked. The read operation to this register will
atomically set the bit[0] to lock the semaphore.
1: Indicates that the semaphore is locked.
x: Writing any value to this register clears the bit[0] to release the semaphore.
Figure 14.4.5 ACSEMAPH Register
This register is provided primarily for the mutual exclusion between the audio and modem drivers to
share the common resources of ACLC, such as the ACREGACC register and the link-control bits in the
ACCTLEN/DIS register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com