Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 435 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 435 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 431Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 432Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 433Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 434Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 435Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 436Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 437Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 438Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 439Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 590 page
background image
Chapter 14 AC-link Controller
14-25
14.4.5
ACLC Interrupt Masked Status Register (ACINTMSTS) 0xF714
Every bit in this register is configured as follows:
ACINTMSTS = ACINTSTS & ACINTEN
Bit placement is the same as for the ACINTSTS register. The logical OR of all bits in this register is
used as ACLC interrupt request to the interrupt controller.
14.4.6
ACLC Interrupt Enable Register (ACINTEN)
0xF718
Interrupt request enable (R/W1S). Bit placement is the same as for the ACINTSTS register. Its
initial value is all ‘0’. When a value is written to this register, the bit in the position where “1” was
written is set to “1.”
14.4.7
ACLC Interrupt Disable Register (ACINTDIS)
0xF71C
Interrupt request enable clear (W1C). Bit placement is the same as for the ACINTSTS register.
When a value is written to this register, the ACINTEN register bit in the position where a “1” was
written is cleared to “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com