Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 575 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 575 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 571Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 572Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 573Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 574Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 575Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 576Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 577Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 578Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 579Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 575 / 590 page
background image
Chapter 22 Electrical Characteristics
22-9
22.5.7
Interrupt Interface AC Characteristics
(Tc = 0 ~ 70
°C, VCCIO = 3.3 V ± 0.3 V, VCCInt = 1.5 V ± 0.1 V, VSS = 0 V)
Parameter
Symbol
Rating
Min.
Max.
Unit
INT Input pulse width time
tPW_INT
1/2
× tMCP × 1.1
ns
NMI Input pulse width time
tPW_NMI
1/2
× tMCP × 1.1
ns
Figure 22.5.9 Timing Diagrams: INT/NMI Interface
22.5.8
SIO Interface AC Characteristics
(Tc = 0 ~ 70
°C, VCCIO = 3.3 V ± 0.3 V, VCCInt = 1.5 V ± 0.1 V, VSS = 0 V)
Parameter
Symbol
Rating
Min.
Max.
Unit
SCLK Cycle time
fCYC_SCLK
tMCP × 1.1
ns
SCLK Frequency
fSCLK
2
× fMCK × 0.45
MHz
SCLK High time
tHIGH_SCLK
1/2
× tMCP × 1.1
ns
SCLK Low time
tLOW_SCLK
1/2
× tMCP × 1.1
ns
Figure 22.5.10 Timing Diagrams: SIO Interface
tPW_INT/tPW_NMI
tHIGH_SCLK
tLOW_SCLK
SCLK
tCYC_SCLK/fSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com