Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 571 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 571 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 567Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 568Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 569Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 570Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 571Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 572Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 573Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 574Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 575Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 571 / 590 page
background image
Chapter 22 Electrical Characteristics
22-5
22.5.3
SDRAM Interface AC Characteristics
(Tc = 0 ~ 70
°C, VCCIO = 3.3 V ± 0.3 V, VCCInt = 1.5 V ± 0.1 V, VSS = 0 V, CL = 50 pF)
Parameter
Symbol
Rating
Min.
Max.
Unit
SDCLK[3:0] Cycle Time
tCYC_SDCLK
12.5
ns
SDCLK[3:0] High Time
tHIGH_SDCLK
3
ns
SDCLK[3:0] Low Time
tLOW_SDCLK
3
ns
SDCLKIN Skew
tBP
Non bypass mode
0
4.0
ns
ADDR[19:16,14:5],SADDR10 Output delay
tVAL_ADDR1
(*1)
1.5
7.5
ns
SDCS[3:0]* Output delay
tVAL_SDCS
1.5
7.5
ns
RAS* Output delay
tVAL_RAS
(*1)
1.5
7.5
ns
CAS* Output delay
tVAL_CAS
(*3)
1.5
7.5
ns
WE* Output delay
tVAL_WE
(*3)
1.5
7.5
ns
CKE Output delay
tVAL_CKE
1.5
7.5
ns
DQM[3:0] Output delay
tVAL_DQM
(*2)
1.5
7.5
ns
DATA[31:0] Output delay (H->L, L->H)
tVAL_DATA1
(*2)
1.5
7.5
ns
DATA[31:0] Output delay (High-Z->Valid)
tVAL_DATA1ZV
(*2)
1.5
7.5
ns
DATA[31:0] Output delay (Valid->High-Z)
tVAL_DATA1VZ
(*2)
1.5
7.5
ns
DATA[31:0] Input set-up time
tSU_DATA1B
Bypass mode
6.0
ns
DATA[31:0] input hold time
tHO_DATA1B
Bypass mode
0.5
ns
DATA[31:0] Input set-up time
tSU_DATA1NB
Non bypass mode
1.0
ns
DATA[31:0] input hold time
tHO_DATA1NB
Non bypass mode
2.0
ns
*1:
An SDRAM bus transaction can complete in no more than two clock cycles when the SDCTR.DA is set to 1.
*2:
An SDRAM bus transaction can complete in no more than two clock cycles when the SDCTR.SWB is set to 1.
*3:
2 cycle signals.
Figure 22.5.3 Timing Diagrams: Output Signals and When Bypass Mode Input Signals (SDCLK Basis)
Figure 22.5.4 Timing Diagrams: When Non Bypass Mode Input Signals (SDCLK Basis)
SDCLK[n]
tSU_*
tHO_*
outputs valid
inputs valid
tVAL_*
OUTPUT
INPUT
tSU_*
tHO_*
SDCLK[n]
tBP
inputs valid
SDCLKIN
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com